Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 56Page - NXP Semiconductors P5021 Datasheet HTML 57Page - NXP Semiconductors P5021 Datasheet HTML 58Page - NXP Semiconductors P5021 Datasheet HTML 59Page - NXP Semiconductors P5021 Datasheet HTML 60Page - NXP Semiconductors P5021 Datasheet HTML 61Page - NXP Semiconductors P5021 Datasheet HTML 62Page - NXP Semiconductors P5021 Datasheet HTML 63Page - NXP Semiconductors P5021 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
60
WARNING
Incorrect voltage select settings can lead to irreversible device damage. See Section 3.2,
“Supply power default setting.”
NOTE
From a system standpoint, if any of the I/O power supplies ramp prior to the VDD_CA, or
VDD_PL supplies, the I/Os associated with that I/O supply may drive a logic one or zero
during power-up, and extra current may be drawn by the device.
2.3
Power-down requirements
The power-down cycle must complete such that power supply values are below 0.4 V before a new power-up cycle can be
started.
If performing secure boot fuse programming per Section 2.2, “Power-up sequencing,” it is required that POVDD = GND before
the system is power cycled (PORESET assertion) or powered down (VDD_PL ramp down) per the required timing specified in
Table 5.
VDD_PL and USB_VDD_1P0 must be ramped down simultaneously. USB_VDD_1P8_DECAP should starts ramping down only
after USB_VDD_3P3 is below 1.65 V.
2.4
Power characteristics
This table shows the power dissipations of the VDD_CA, SVDD, and VDD_PL supply for various operating platform clock
frequencies versus the core and DDR clock frequencies for the chip.
Table 6. Power dissipation
Power
Mode
Core
freq
(MHz)
Plat
freq
(MHz)
DDR
data
rate
(MHz)
FM freq
(MHz)
VDD_PL,
SVDD
(V)
VDD_CA
(V)
Junction
temp
(
°C)
Core
and plat-
form
power1
(W)
VDD_PL
power
(W)
VDD_CA
power
(W)
SVDD
power
(W)
Note
Typical
2200
800
1600
600
1.0
1.2
65
23
—
—
—
—
Thermal
90
33
———
—
Maximum
34
17
15
15
2.2
Typical
2000
700
1333
600
1.0
1.1
65
21
—
—
—
—
Thermal
105
30
———
—
Maximum
31
16
13
13
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com