Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 95 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 91Page - NXP Semiconductors P5021 Datasheet HTML 92Page - NXP Semiconductors P5021 Datasheet HTML 93Page - NXP Semiconductors P5021 Datasheet HTML 94Page - NXP Semiconductors P5021 Datasheet HTML 95Page - NXP Semiconductors P5021 Datasheet HTML 96Page - NXP Semiconductors P5021 Datasheet HTML 97Page - NXP Semiconductors P5021 Datasheet HTML 98Page - NXP Semiconductors P5021 Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
95
2.16.2
MPIC AC timing specifications
This table provides the MPIC input and output AC timing specifications.
2.17
JTAG controller
This section describes the DC and AC electrical specifications for the IEEE 1149.1 (JTAG) interface.
2.17.1
JTAG DC electrical characteristics
This table provides the JTAG DC electrical characteristics.
Output low voltage (OVDD = min, IOL = 2 mA)
VOL
—0.4
V
—
Notes:
1. The min VILand max VIH values are based on the min and max OVIN respective values found in Table 3
2. The symbol OVIN, in this case, represents the OVIN symbol referenced in Table 3
Table 53. MPIC Input AC timing specifications
For recommended operating conditions, see Table 3.
Characteristic
Symbol
Min
Max
Unit
Notes
MPIC inputs—minimum pulse width
tPIWID
3
—
SYSCLKs
1
Notes:
1. MPIC inputs and outputs are asynchronous to any visible clock. MPIC outputs should be synchronized before use by any
external synchronous logic. MPIC inputs are required to be valid for at least tPIWID ns to ensure proper operation when working
in edge triggered mode
Table 54. JTAG DC electrical characteristics (OVDD = 3.3 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2.0
—
V
1
Input low voltage
VIL
—0.8
V
1
Input current (OVIN = 0 V or OVIN = OVDD)IIN
—±40
μA2
Output high voltage (OVDD = min, IOH = –2 mA)
VOH
2.4
—
V
—
Output low voltage (OVDD = min, IOL = 2 mA)
VOL
—0.4
V
—
Notes:
1. The min VILand max VIH values are based on the respective min and max OVIN values found in Table 3.
2. The symbol VIN, in this case, represents the OVIN symbol found in Table 3.
Table 52. MPIC DC electrical characteristics (OVDD = 3.3 V) (continued)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com