Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 53Page - NXP Semiconductors P5021 Datasheet HTML 54Page - NXP Semiconductors P5021 Datasheet HTML 55Page - NXP Semiconductors P5021 Datasheet HTML 56Page - NXP Semiconductors P5021 Datasheet HTML 57Page - NXP Semiconductors P5021 Datasheet HTML 58Page - NXP Semiconductors P5021 Datasheet HTML 59Page - NXP Semiconductors P5021 Datasheet HTML 60Page - NXP Semiconductors P5021 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
57
This figure shows the undershoot and overshoot voltages at the interfaces of the chip.
Figure 7. Overshoot/Undershoot voltage for BVDD/GVDD/LVDD/OVDD
The core and platform voltages must always be provided at nominal 1.0 V or 1.2 V. See Table 3 for the actual recommended
core voltage conditions. Voltage to the processor interface I/Os is provided through separate sets of supply pins and must be
provided at the voltages shown in Table 3. The input voltage threshold scales with respect to the associated I/O supply voltage.
CVDD, BVDD, OVDD, and LVDD-based receivers are simple CMOS I/O circuits and satisfy appropriate LVCMOS type
specifications. The DDR SDRAM interface uses differential receivers referenced by the externally supplied MVREF signal
(nominally set to GVDD/2) as is appropriate for the SSTL_1.5 electrical signaling standard. The DDR DQS receivers cannot be
operated in single-ended fashion. The complement signal must be properly driven and cannot be grounded.
GND
GND – 0.3V
GND – 0.7 V
Not to Exceed 10%
Nominal C/X/B/G/L/OVDD + 20%
C/X/B/G/L/OVDD
C/X/B/G/L/OVDD + 5%
of tCLOCK
tCLOCK refers to the clock period associated with the respective interface:
VIH
VIL
Note:
For I2C, tCLOCK refers to SYSCLK.
For DDR GVDD, tCLOCK refers to Dn_MCK.
For eSPI CVDD, tCLOCK refers to SPI_CLK.
For eLBC BVDD, tCLOCK refers to LCLK.
For SerDes XVDD, tCLOCK refers to SD_REF_CLK.
For dTSEC LVDD, tCLOCK refers to EC_GTX_CLK125.
For JTAG OVDD, tCLOCK refers to TCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com