Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 16Page - NXP Semiconductors P5021 Datasheet HTML 17Page - NXP Semiconductors P5021 Datasheet HTML 18Page - NXP Semiconductors P5021 Datasheet HTML 19Page - NXP Semiconductors P5021 Datasheet HTML 20Page - NXP Semiconductors P5021 Datasheet HTML 21Page - NXP Semiconductors P5021 Datasheet HTML 22Page - NXP Semiconductors P5021 Datasheet HTML 23Page - NXP Semiconductors P5021 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Pin assignments and reset states
Freescale Semiconductor
20
USB1_UID
USB1 PHY ID Detect
AK24
I
USB1_VDD
_1P8
_DECAP
—
USB1_DRVVBUS/GPIO04
USB1 5V Supply Enable
AH21
O
OVDD
26,38
USB1_PWRFAULT/GPIO05
USB1 Power Fault
AJ21
I
OVDD
26,38
USB_CLKIN
USB PHY Clock Input
AM24
I
OVDD
—
USB Port 2
USB2_UDP
USB2 PHY Data Plus
AP27
I/O
USB_VDD_
3P3
—
USB2_UDM
USB2 PHY Data Minus
AP26
I/O
USB_VDD_
3P3
—
USB2_VBUS_CLMP
USB2 PHY VBUS Divided Signal
AK26
I
USB_VDD_
3P3
38
USB2_UID
USB2 PHY ID Detect
AK27
I
USB2_VDD
_1P8
_DECAP
—
USB2_DRVVBUS/GPIO06
USB2 5V Supply Enable
AK21
O
OVDD
26,38
USB2_PWRFAULT/GPIO07
USB2 Power Fault
AG20
O
OVDD
26,38
Programmable Interrupt controller
IRQ00
External Interrupts
AJ16
I
OVDD
—
IRQ01
External Interrupts
AH16
I
OVDD
—
IRQ02
External Interrupts
AK12
I
OVDD
—
IRQ03/GPIO21
External Interrupts
AJ15
I
OVDD
26
IRQ04/GPIO22
External Interrupts
AH17
I
OVDD
26
IRQ05/GPIO23
External Interrupts
AJ13
I
OVDD
26
IRQ06/GPIO24
External Interrupts
AG17
I
OVDD
26
IRQ07/GPIO25
External Interrupts
AM13
I
OVDD
26
IRQ08/GPIO26
External Interrupts
AG13
I
OVDD
26
IRQ09/GPIO27
External Interrupts
AK11
I
OVDD
26
IRQ10/GPIO28
External Interrupts
AH14
I
OVDD
26
IRQ11/GPIO29
External Interrupts
AL12
I
OVDD
26
IRQ_OUT/EVT9
Interrupt Output
AK14
O
OVDD
1, 2, 26
Trust
TMP_DETECT
Tamper Detect
AN19
I
OVDD
27
LP_TMP_DETECT
Low Power Tamper Detect
AE28
I
VDD_LP
—
eSDHC
SDHC_CMD
Command/Response
AG23
I/O
CVDD
—
Table 1. Pins listed by bus (continued)
Signal
Signal description
Package
pin number
Pin
type
Power
supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com