Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 65Page - NXP Semiconductors P5021 Datasheet HTML 66Page - NXP Semiconductors P5021 Datasheet HTML 67Page - NXP Semiconductors P5021 Datasheet HTML 68Page - NXP Semiconductors P5021 Datasheet HTML 69Page - NXP Semiconductors P5021 Datasheet HTML 70Page - NXP Semiconductors P5021 Datasheet HTML 71Page - NXP Semiconductors P5021 Datasheet HTML 72Page - NXP Semiconductors P5021 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
69
2.9.2
DDR3 and DDR3L SDRAM interface AC timing specifications
This section provides the AC timing specifications for the DDR SDRAM controller interface. The DDR controller supports
DDR3 and DDR3L memories. Note that the required GVDD(typ) voltage is 1.5 V when interfacing to DDR3 SDRAM and the
required GVDD(typ) voltage is 1.35 V when interfacing to DDR3L SDRAM.
2.9.2.1
DDR3 and DDR3L SDRAM interface input AC timing specifications
This table provides the input AC timing specifications for the DDR controller when interfacing to DDR3 SDRAM.
This table provides the input AC timing specifications for the DDR controller when interfacing to DDR3L SDRAM.
This table provides the input AC timing specifications for the DDR controller when interfacing to DDR3 SDRAM.
Table 22. DDR3 SDRAM interface input AC timing specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
> 1200 MT/s data rate
VILAC
—
MVREF – 0.150
V
—
≤ 1200 MT/s data rate
MVREF – 0.175
AC input high voltage
> 1200 MT/s data rate
VIHAC
MVREF + 0.150
—
V
—
≤ 1200 MT/s data rate
MVREF + 0.175
Table 23. DDR3L SDRAM interface input AC timing specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
> 1067 MT/s data rate
VILAC
—
MVREF – 0.135
V
—
≤ 1067 MT/sdata rate
MVREF – 0.160
AC input high voltage
> 1067 MT/s data rate
VIHAC
MVREF + 0.135
—
V
—
≤ 1067 MT/s data rate
MVREF + 0.160
Table 24. DDR3 and DDR3L SDRAM interface input AC timing specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
Controller Skew for MDQS—MDQ/MECC
tCISKEW
ps
1
1600 MT/s data rate
–112
112
1333 MT/s data rate
–125
125
1200 MT/s data rate
–147.5
147.5
1066 MT/s data rate
–170
170
800 MT/s data rate
–200
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com