Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 88Page - NXP Semiconductors P5021 Datasheet HTML 89Page - NXP Semiconductors P5021 Datasheet HTML 90Page - NXP Semiconductors P5021 Datasheet HTML 91Page - NXP Semiconductors P5021 Datasheet HTML 92Page - NXP Semiconductors P5021 Datasheet HTML 93Page - NXP Semiconductors P5021 Datasheet HTML 94Page - NXP Semiconductors P5021 Datasheet HTML 95Page - NXP Semiconductors P5021 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
92
This figure shows how the local bus AC timing diagram applies to GPCM. The same principle applies to UPM and FCM.
Figure 25. GPCM Output timing diagram
2.15
Enhanced secure digital host controller (eSDHC)
This section describes the DC and AC electrical specifications for the eSDHC interface.
2.15.1
eSDHC DC electrical characteristics
This table provides the DC electrical characteristics for the eSDHC interface.
Table 50. eSDHC interface DC electrical characteristics
For recommended operating conditions, see Table 3.
Characteristic
Symbol
Condition
Min
Max
Unit
Notes
Input high voltage
VIH
—0.625
× CV
DD
—V
1
Input low voltage
VIL
—
—
0.25
× CV
DD
V1
Input/output leakage current
IIN/IOZ
—–50
50
μA—
Output high voltage
VOH
IOH = –100 μA at
CVDD min
0.75
× CV
DD
—V
—
tarcs +tLBKLOV
LCLK
LAD[0:31]
LBCTL
tLBONOT
LCS_B
LGPL2/LOE_B
address
taddr
taoe +tLBKLOV
LWE_B
tawcs +tLBKLOV
tLBONOT
address
taddr
tawe +tLBKLOV
tLBKLOX
trc
toen
read data
write data
twen
twc
write
read
LALE
1 t
addr is programmable and determined by LCRR[EADC] and ORx[EAD].
2 t
arcs, tawcs, taoe, trc, toen, tawe, twc, twen are determined by ORx. See the applicable chip reference manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com