Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 57Page - NXP Semiconductors P5021 Datasheet HTML 58Page - NXP Semiconductors P5021 Datasheet HTML 59Page - NXP Semiconductors P5021 Datasheet HTML 60Page - NXP Semiconductors P5021 Datasheet HTML 61Page - NXP Semiconductors P5021 Datasheet HTML 62Page - NXP Semiconductors P5021 Datasheet HTML 63Page - NXP Semiconductors P5021 Datasheet HTML 64Page - NXP Semiconductors P5021 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
61
This table shows the estimated power dissipation on the AVDD and AVDD_SRDS supplies for the chip’s PLLs, at allowable
voltage levels.
Typical
1800
600
1200
450
1.0
1.1
65
20
—
—
—
—
Thermal
105
29
———
—
Maximum
30
15
13
13
2.2
Notes:
1. Combined power of VDD_PL, VDD_CA, SVDD with both DDR controllers and all SerDes banks active. Does not include I/O
power.
2. Typical power assumes Dhrystone running with activity factor of 80% (on all cores) and executing DMA on the platform with
90% activity factor.
3. Typical power based on nominal processed device.
4. Maximum power assumes Dhrystone running with activity factor at 100% (on all cores) and executing DMA on the platform
at 100% activity factor.
5. Thermal power assumes Dhrystone running with activity factor of 80% (on all cores) and executing DMA on the platform at
90% activity factor.
6. Maximum power provided for power supply design sizing.
7. Thermal and maximum power are based on worst case processed device.
Table 7. AVDD power dissipation
AVDDs
Typical
Maximum
Unit
Notes
AVDD_DDR
515
mW
1
AVDD_CC1
515
mW
AVDD_CC2
515
mW
AVDD_PLAT
515
mW
AVDD_FM
515
mW
AVDD_SRDS1
—36
mW
2
AVDD_SRDS2
—36
mW
AVDD_SRDS3
—36
mW
AVDD_SRDS4
—36
mW
USB_VDD_1P0
—
10
mW
3
VDD_LP
—5
mW
Note:
1. VDD_CA = 1.2 V, TA = 80°C, TJ = 105°C
2. VDD_PL, SVDD = 1.0 V, TA = 80°C, TJ = 105°C
3. USB_VDD_1P0, VDD_LP = 1.0 V, TA = 80°C, TJ = 105°C
Table 6. Power dissipation (continued)
Power
Mode
Core
freq
(MHz)
Plat
freq
(MHz)
DDR
data
rate
(MHz)
FM freq
(MHz)
VDD_PL,
SVDD
(V)
VDD_CA
(V)
Junction
temp
(
°C)
Core
and plat-
form
power1
(W)
VDD_PL
power
(W)
VDD_CA
power
(W)
SVDD
power
(W)
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com