Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 74Page - NXP Semiconductors P5021 Datasheet HTML 75Page - NXP Semiconductors P5021 Datasheet HTML 76Page - NXP Semiconductors P5021 Datasheet HTML 77Page - NXP Semiconductors P5021 Datasheet HTML 78Page - NXP Semiconductors P5021 Datasheet HTML 79Page - NXP Semiconductors P5021 Datasheet HTML 80Page - NXP Semiconductors P5021 Datasheet HTML 81Page - NXP Semiconductors P5021 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
78
2.12.2.1
MII and RGMII DC electrical characteristics
This table shows the MII DC electrical characteristics when operating at LVDD = 3.3 V supply.
This table shows the MII and RGMII DC electrical characteristics when operating at LVDD = 2.5 V supply.
2.12.2.2
MII AC timing specifications
This section describes the MII transmit and receive AC timing specifications.
Table 32. MII DC electrical characteristics (LVDD = 3.3 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2.0
—
V
1
Input low voltage
VIL
—0.90
V
—
Input high current (VIN = LVDD)IIH
—40
μA2
Input low current (VIN = GND)
IIL
–600
—
μA2
Output high voltage (LVDD = min, IOH = –4.0 mA)
VOH
2.4
LVDD + 0.3
V
—
Output low voltage (LVDD = min, IOL = 4.0 mA)
VOL
GND
0.50
V
—
Notes:
1. The min VILand max VIH values are based on the respective min and max LVIN values found in Table 3.
2. The symbol VIN, in this case, represents the LVIN symbols referenced in Table 2 and Table 3.
Table 33. MII and RGMII DC electrical characteristics (LVDD = 2.5 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
1.7
—
V
1
Input low voltage
VIL
—0.7
V
1
Input current (LVIN = 0 V or LVIN = LVDD)IIH
—±40
μA2
Output high voltage (LVDD = min, IOH = –1.0 mA)
VOH
2.0
—
V
—
Output low voltage (LVDD =min, IOL = 1.0 mA)
VOL
—0.4
V
—
Notes:
1. The min VILand max VIH values are based on the respective min and max LVIN values found in Table 3.
2. The symbol VIN, in this case, represents the LVIN symbols referenced in Table 2 and Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com