Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 83Page - NXP Semiconductors P5021 Datasheet HTML 84Page - NXP Semiconductors P5021 Datasheet HTML 85Page - NXP Semiconductors P5021 Datasheet HTML 86Page - NXP Semiconductors P5021 Datasheet HTML 87Page - NXP Semiconductors P5021 Datasheet HTML 88Page - NXP Semiconductors P5021 Datasheet HTML 89Page - NXP Semiconductors P5021 Datasheet HTML 90Page - NXP Semiconductors P5021 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
87
2.13.1
USB DC electrical characteristics
This table provides the DC electrical characteristics for the USB interface at USB_VDD_3P3 = 3.3 V.
2.13.2
USB AC electrical specifications
This table provides the USB clock input (USBn_CLKIN) AC timing specifications.
This figure provides the USB AC test load.
Figure 22. USB AC test load
2.14
Enhanced local bus interface (eLBC)
This section describes the DC and AC electrical specifications for the enhanced local bus interface.
Table 44. USB DC electrical characteristics (USB_VDD_3P3 = 3.3 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage1
VIH
2.0
—
V
1
Input low voltage
VIL
—0.8
V
1
Input current (USB_VIN_3P3 = 0 V or USB_VIN_3P3 =
USB_VDD_3P3)
IIN
—±40
μA2
Output high voltage (USB_VDD_3P3 = min, IOH = –2 mA)
VOH
2.8
—
V
—
Output low voltage (USB_VDD_3P3 = min, IOL = 2 mA)
VOL
—0.3
V
—
Notes:
1. The min VILand max VIH values are based on the respective min and max USB_VIN_3P3 values found in Table 3.
2. The symbol USB_VIN_3P3, in this case, represents the USB_VIN_3P3 symbol referenced in Section 2.1.2, “Recommended
operating conditions.”
Table 45. USBn_CLKIN AC timing specifications
For recommended operating conditions, see Table 3.
Parameter/Condition
Conditions
Symbol
Min
Typ
Max
Unit
Frequency range
—
fUSB_CLK_IN
—24—
MHz
Clock frequency tolerance
—
tCLK_TOL
–0.005
0
0.005
%
Reference clock duty cycle
Measured at 1.6 V
tCLK_DUTY
40
50
60
%
Total input jitter/time interval
error
Peak-to-peak value measured with a
second-order high-pass filter of 500 kHz
bandwidth
tCLK_PJ
——
5
ps
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com