Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 51Page - NXP Semiconductors P5021 Datasheet HTML 52Page - NXP Semiconductors P5021 Datasheet HTML 53Page - NXP Semiconductors P5021 Datasheet HTML 54Page - NXP Semiconductors P5021 Datasheet HTML 55Page - NXP Semiconductors P5021 Datasheet HTML 56Page - NXP Semiconductors P5021 Datasheet HTML 57Page - NXP Semiconductors P5021 Datasheet HTML 58Page - NXP Semiconductors P5021 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
55
2.1.2
Recommended operating conditions
This table provides the recommended operating conditions for this device. Note that proper device operation outside these
conditions is not guaranteed.
Table 3. Recommended operating conditions
Parameter
Symbol
Recommended
value
Unit
Notes
Core group A (core 0,1) supply voltage
VDD_CA
1.1 ± 50mV (core
frequency
≤
2000 MHz)
1.2V ± 30mV (core
frequency
>
2000 MHz)
V1,6
Platform supply voltage
VDD_PL
1.0 ± 50mV
V
1,6
PLL supply voltage (core, platform, DDR, FMan)
AVDD
1.0 ± 50mV
V
—
PLL supply voltage (SerDes)
AVDD_SRDS
1.0 ± 50mV
V
—
Fuse programming override supply
POVDD
1.5 ± 75mV
V
2
DUART, I2C, DMA, MPIC, GPIO, system control and power
management, clocking, debug, I/O voltage select, and JTAG I/O
voltage
OVDD
3.3 ± 165mV
V
—
eSPI, eSDHC
CVDD
3.3 ± 165mV
2.5 ± 125mV
1.8 ± 90mV
V—
DDR DRAM I/O voltage
DDR3
GVDD
1.5 ± 75mV
V
—
DDR3L
1.35 ± 67mV
Enhanced local bus I/O voltage
BVDD
3.3 ± 165mV
2.5 ± 125mV
1.8 ± 90mV
V—
Main power supply for internal circuitry of SerDes and pad power
supply for SerDes receiver
SVDD
1.0 + 50mV
1.0 – 30mV
V—
Pad power supply for SerDes transmitter
XVDD
1.8 ± 90mV
1.5 ± 75mV
V—
Ethernet I/O, Ethernet Management interface 1 (EMI1), 1588, GPIO
LVDD
3.3 ± 165mV
2.5 ± 125mV
V3
USB PHY transceiver supply voltage
USB_VDD_3P3
3.3 ± 165mV
V
—
USB PHY PLL supply voltage
USB_VDD_1P0
1.0 ± 50mV
V
—
Low-power security monitor supply
VDD_LP
1.0 ± 50mV
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com