Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 58Page - NXP Semiconductors P5021 Datasheet HTML 59Page - NXP Semiconductors P5021 Datasheet HTML 60Page - NXP Semiconductors P5021 Datasheet HTML 61Page - NXP Semiconductors P5021 Datasheet HTML 62Page - NXP Semiconductors P5021 Datasheet HTML 63Page - NXP Semiconductors P5021 Datasheet HTML 64Page - NXP Semiconductors P5021 Datasheet HTML 65Page - NXP Semiconductors P5021 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
62
This table shows the estimated power dissipation on the POVDD supply for the chip, at allowable voltage levels.
This table shows the estimated power dissipation on the VDD_LP supply for the chip, at allowable voltage levels.
2.5
Thermal
This table shows the thermal characteristics for the chip.
Table 8. POVDD power dissipation
Supply
Maximum
Unit
Notes
POVDD
450
mW
1
Note:
1. To ensure device reliability, fuse programming must be performed within the recommended fuse programming temperature
range per Table 3.
Table 9. VDD_LP Power Dissipation
Supply
Maximum
Unit
Note
VDD_LP (P5021 on, 105C)
1.5
mW
1
VDD_LP (P5021 off, 70C)
195
uW
2
VDD_LP (P5021 off, 40C)
132
uW
2
Note:
1. VDD_LP = 1.0 V, TJ = 105°C.
2. When P5021 is off, VDD_LP may be supplied by battery power to the Zeroizable Master Key and other Trust Architecture
state. Board should implement a PMIC which switches VDD_LP to battery when P5021 is powered down. See P5040
Reference Manual Trust Architecture chapter for more information.
Table 10. Package thermal characteristics 6
Rating
Board
Symbol
Value
Unit
Notes
Junction to ambient, natural convection
Single-layer board (1s)
RΘJA
14
°C/W
1, 2
Junction to ambient, natural convection
Four-layer board (2s2p)
RΘJA
10
°C/W
1, 2
Junction to ambient (at 200 ft./min.)
Single-layer board (1s)
RΘJMA
9
°C/W
1, 2
Junction to ambient (at 200 ft./min.)
Four-layer board (2s2p)
RΘJMA
7
°C/W
1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com