Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 70Page - NXP Semiconductors P5021 Datasheet HTML 71Page - NXP Semiconductors P5021 Datasheet HTML 72Page - NXP Semiconductors P5021 Datasheet HTML 73Page - NXP Semiconductors P5021 Datasheet HTML 74Page - NXP Semiconductors P5021 Datasheet HTML 75Page - NXP Semiconductors P5021 Datasheet HTML 76Page - NXP Semiconductors P5021 Datasheet HTML 77Page - NXP Semiconductors P5021 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
74
This figure provides the AC test load for the DDR3 and DDR3L controller bus.
Figure 12. DDR3 and DDR3L controller bus AC test load
2.10
eSPI
This section describes the DC and AC electrical specifications for the eSPI interface.
2.10.1
eSPI DC electrical characteristics
This table provides the DC electrical characteristics for the eSPI interface operating at CVDD = 3.3 V.
This table provides the DC electrical characteristics for the eSPI interface operating at CVDD = 2.5 V.
Table 26. eSPI DC electrical characteristics (CVDD = 3.3 V)
1,2
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2.0
—
V
1
Input low voltage
VIL
—0.8
V
1
Input current (VIN = 0 V or VIN = CVDD)IIN
—±40
μA2
Output high voltage
(CVDD = min, IOH = –2 mA)
VOH
2.4
—
V
—
Output low voltage
(CVDD = min, IOL = 2 mA)
VOL
—0.4
V
—
Notes:
1. The min VILand max VIH values are based on the respective min and max CVIN values found in Table 3.
2. The symbol VIN, in this case, represents the CVIN symbol referenced in Section 2.1.2, “Recommended operating conditions.”
Table 27. eSPI DC electrical characteristics (CVDD = 2.5 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
1.7
—
V
1
Input low voltage
VIL
—0.7
V
1
Input current (VIN = 0 V or VIN = CVDD)IIN
—±40
μA2
Output high voltage
(CVDD = min, IOH = –1 mA)
VOH
2.0
—
V
—
Output low voltage
(CVDD = min, IOL = 1 mA)
VOL
—0.4
V
—
Notes:
1. The min VILand max VIH values are based on the respective min and max CVIN values found in Table 3.
2. The symbol VIN, in this case, represents the CVIN symbol referenced in Section 2.1.2, “Recommended operating conditions.”
Output
Z0 = 50 Ω
RL = 50 Ω
GVDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com