Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 1 Page - NXP Semiconductors

  P5021 Datasheet HTML 1Page - NXP Semiconductors P5021 Datasheet HTML 2Page - NXP Semiconductors P5021 Datasheet HTML 3Page - NXP Semiconductors P5021 Datasheet HTML 4Page - NXP Semiconductors P5021 Datasheet HTML 5Page - NXP Semiconductors P5021 Datasheet HTML 6Page - NXP Semiconductors P5021 Datasheet HTML 7Page - NXP Semiconductors P5021 Datasheet HTML 8Page - NXP Semiconductors P5021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 155 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
© 2013-2014 Freescale Semiconductor, Inc. All rights reserved.
Freescale reserves the right to change the detail specifications as may be required
to permit improvements in the design of its products.
The P5021 QorIQ integrated communication processor
combines two Power Architecture® processor cores with
high-performance data path acceleration logic and network
and peripheral bus interfaces required for networking,
telecom/datacom, wireless infrastructure, and aerospace
applications.
This chip can be used for combined control, data path, and
application layer processing in routers, switches, base station
controllers, and general-purpose embedded computing. Its
high level of integration offers significant performance
benefits compared to multiple discrete devices while also
greatly simplifying board design.
The chip includes the following function and features:
• Two e5500 Power Architecture cores
– Each core has a backside 512 KB L2 cache with ECC
– Three levels of instructions: user, supervisor, and
hypervisor
– Independent boot and reset
– Secure boot capability
• CoreNet fabric supporting coherent and non-coherent
transactions amongst CoreNet endpoints
• Frontside 2 MB CoreNet platform cache with ECC
• CoreNet bridges between the CoreNet fabric the I/Os,
datapath accelerators, and high and low speed peripheral
interfaces
• Two 10-Gigabit Ethernet (XAUI) controllers
• Ten 1-Gigabit Ethernet controllers
– SGMII, 2.5Gb/s SGMII and RGMII interfaces
• Two 64-bit DDR3/3L SDRAM memory controllers with
ECC
• Multicore programmable interrupt controller (PIC)
•Four I2C controllers
• Four 2-pin UARTs or two 4-pin UARTs
• Two 4-channel DMA engines
• Enhanced local bus controller (eLBC)
• Three PCI Express 2.0 controllers/ports
• Two serial ATA (SATA) 2.0 controllers
• Enhanced secure digital host controller (SD/MMC)
• Enhanced serial peripheral interface (eSPI)
• Two high-speed USB 2.0 controllers with integrated PHYs
• RAID 5 and 6 storage accelerator with support for
end-to-end data protection information
• Data Path Acceleration Architecture (DPAA) incorporating
acceleration for the following functions:
– Frame Manager (FMan) for packet parsing,
classification, and distribution
– Queue Manager (QMan) for scheduling, packet
sequencing and congestion management
– Hardware Buffer Manager (BMan) for buffer allocation
and deallocation
– Encryption/Decryption
• 1295 FC-PBGA package
This figure shows the major functional units within the chip.
P5021 QorIQ
Integrated Processor
Data Sheet
Document Number: P5021
Rev. 1, 05/2014
P5021
FC-PBGA–1295
37.5 mm
× 37.5 mm


Similar Part No. - P5021

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P502100 TRIPPLITE-P502100 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 100-ft
More results

Similar Description - P5021

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
Integrated ColdFire Microprocessor Data Sheet
P1010-RDB FREESCALE-P1010-RDB Datasheet
209Kb / 2P
QorIQ P1010 and P1014 Processor Block Diagram
logo
NXP Semiconductors
LS1012ARDBFS NXP-LS1012ARDBFS Datasheet
282Kb / 2P
QorIQ LS Processor Family
2014
LS1088A NXP-LS1088A Datasheet
1Mb / 196P
QorIQ LS1088A Data Sheet
Rev. 0, 01/2018
logo
Teledyne Technologies I...
T1042 TELEDYNE-T1042 Datasheet
1Mb / 174P
QorIQ Integrated Multicore Communications Processor
logo
NXP Semiconductors
AFD4400 NXP-AFD4400 Datasheet
869Kb / 101P
AFD4400 Digital Front End Processor Data Sheet
Rev. 0, 10/2015
P2041PB NXP-P2041PB Datasheet
337Kb / 31P
P2041 QorIQ Communications Processor Product Brief
Rev. 0, 11/2011
LS1048A NXP-LS1048A Datasheet
155Kb / 2P
QorIQ LS1 Processor Family
BSC9132 NXP-BSC9132 Datasheet
1Mb / 145P
BSC9132 QorIQ Qonverge Multicore Baseband Processor Data Sheet
Rev. 2, 01/2018
P3041NXN7NNC NXP-P3041NXN7NNC Datasheet
331Kb / 31P
P3041 QorIQ Communications Processor
Rev. 0, 11/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com