Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 84Page - NXP Semiconductors P5021 Datasheet HTML 85Page - NXP Semiconductors P5021 Datasheet HTML 86Page - NXP Semiconductors P5021 Datasheet HTML 87Page - NXP Semiconductors P5021 Datasheet HTML 88Page - NXP Semiconductors P5021 Datasheet HTML 89Page - NXP Semiconductors P5021 Datasheet HTML 90Page - NXP Semiconductors P5021 Datasheet HTML 91Page - NXP Semiconductors P5021 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
88
2.14.1
Enhanced local bus DC electrical characteristics
This table provides the DC electrical characteristics for the enhanced local bus interface operating at BVDD = 3.3 V.
This table provides the DC electrical characteristics for the enhanced local bus interface operating at BVDD = 2.5 V.
This table provides the DC electrical characteristics for the enhanced local bus interface operating at BVDD = 1.8 V.
Table 46. Enhanced local bus DC electrical characteristics (BVDD = 3.3 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2.0
—
V
1
Input low voltage
VIL
—0.8
V
1
Input current (VIN = 0 V or VIN = BVDD)IIN
—±40
μA2
Output high voltage
(BVDD = min, IOH = –2 mA)
VOH
2.4
—
V
—
Output low voltage
(BVDD = min, IOL = 2 mA)
VOL
—0.4
V
—
Notes:
1. The min VILand max VIH values are based on the respective min and max BVIN values found in Table 3.
2. The symbol VIN, in this case, represents the BVIN symbol referenced in Section 2.1.2, “Recommended operating conditions.”
Table 47. Enhanced local bus DC electrical characteristics (BVDD = 2.5 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
1.7
—
V
1
Input low voltage
VIL
—0.7
V1
Input current (VIN = 0 V or VIN = BVDD)IIN
—±40
μA2
Output high voltage
(BVDD = min, IOH = –1 mA)
VOH
2.0
—
V
—
Output low voltage
(BVDD = min, IOL = 1 mA)
VOL
—0.4
V
—
Notes:
1. The min VILand max VIH values are based on the respective min and max BVIN values found in Table 3
2. The symbol VIN, in this case, represents the BVIN symbol referenced in Section 2.1.2, “Recommended operating conditions.”
Table 48. Enhanced local bus DC electrical characteristics (BVDD = 1.8 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
1.25
—
V
1
Input low voltage
VIL
—0.6
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com