Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 48Page - NXP Semiconductors P5021 Datasheet HTML 49Page - NXP Semiconductors P5021 Datasheet HTML 50Page - NXP Semiconductors P5021 Datasheet HTML 51Page - NXP Semiconductors P5021 Datasheet HTML 52Page - NXP Semiconductors P5021 Datasheet HTML 53Page - NXP Semiconductors P5021 Datasheet HTML 54Page - NXP Semiconductors P5021 Datasheet HTML 55Page - NXP Semiconductors P5021 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
52
2
Electrical characteristics
This section provides the AC and DC electrical specifications for the chip. The chip is currently targeted to these specifications,
some of which are independent of the I/O cell but are included for a more complete reference. These are not purely I/O buffer
design specifications.
2.1
Overall DC electrical characteristics
This section describes the ratings, conditions, and other electrical characteristics.
2.1.1
Absolute maximum ratings
This table provides the absolute maximum ratings.
33. See Section 2.2, “Power-up sequencing and Section 5, “Security fuse processor,” for additional details on this signal.
35. Pin must NOT be pulled down by a resistor or the component it is connected to during power-on reset.
36. This pin should be connected to GND through a 10k
Ω ± 0.1% resistor with a low temperature coefficient of ≤ 25ppm/°C for
bias generation.
37. A 1uF to 1.5uF capacitor connected to GND is required on this signal. A list of recommended capacitors are shown in
Section 3.6.4.2, “USBn_VDD_1P8_DECAP capacitor options.”
38. A divider network is required on this signal. See Section 3.6.4.1, “USB divider network.”
39. For systems which boot from local bus (GPCM)-controlled NOR flash or (FCM)-controlled NAND flash, a pullup on LGPL4 is
required.
40. Functionally, this pin is an input, but structurally it is an I/O because it either samples configuration input during reset or
because it has other manufacturing test functions. This pin is therefore described as an I/O for boundary scan.
41. If migration from a P4 device, this pin is allowed to be powered by AVDD_CC2. If not migrating, do not connect.
42. The VDD_VID_CA_CB pins are inputs at POR. If a voltage regulator is connected directly to the VID_VDD_CA_CB pins,
customers need to put weak pull-ups or pull-downs on their board so that their voltage regulator drives a guaranteed-to-work
voltage with the cores configured to run at a safe frequency for that voltage. This is needed so that a working voltage can be
applied until the operating voltage is determined (for example, so that PLLs can begin to lock, and so on, during this time frame
or while the voltage is ramping). The safe boot voltage for the chip is 1.1 V. Note that the P5021 does not require VID to meet
it's performance and power envelope. All power rails should be fixed at the operating values specified in Table 3.
“Recommended operating conditions.”
43. VDD_LL should be connected directly to VDD_PL.
44. Normally tied to GND. See the applicable migration application note if moving from P3041 (AN4395) or P5020/P5010
(AN4400).
Table 2. Absolute maximum operating conditions1
Parameter
Symbol
Maximum value
Unit
Notes
Core group A (core 0,1) supply voltage
VDD_CA
–0.3 to 1.32
V
9,11
Platform supply voltage
VDD_PL
–0.3 to 1.1
V
9,10,
11
PLL supply voltage (core, platform, DDR)
AVDD
–0.3 to 1.1
V
—
PLL supply voltage (SerDes, filtered from SVDD)AVDD_SRDS
–0.3 to 1.1
V
—
Table 1. Pins listed by bus (continued)
Signal
Signal description
Package
pin number
Pin
type
Power
supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com