Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 45Page - NXP Semiconductors P5021 Datasheet HTML 46Page - NXP Semiconductors P5021 Datasheet HTML 47Page - NXP Semiconductors P5021 Datasheet HTML 48Page - NXP Semiconductors P5021 Datasheet HTML 49Page - NXP Semiconductors P5021 Datasheet HTML 50Page - NXP Semiconductors P5021 Datasheet HTML 51Page - NXP Semiconductors P5021 Datasheet HTML 52Page - NXP Semiconductors P5021 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 155 page
background image
Pin assignments and reset states
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
49
USB2_VDD_1P8_DECAP
USB2 PHY 1.8V Output to External
Decap
AL27
—
—
37
No Connection Pins
NC_A27
No Connection
A27
—
—
11
NC_B26
No Connection
B26
—
—
11
NC_C19
No Connection
C19
—
—
11
NC_C20
No Connection
C20
—
—
11
NC_C26
No Connection
C26
—
—
11
NC_C27
No Connection
C27
—
—
11
NC_D18
No Connection
D18
—
—
11
NC_D27
No Connection
D27
—
—
11
NC_E16
No Connection
E16
—
—
11
NC_E27
No Connection
E27
—
—
11
NC_G27
No Connection
G27
—
—
11
NC_H12
No Connection
H12
—
—
11
NC_H13
No Connection
H13
—
—
11
NC_H15
No Connection
H15
—
—
11
NC_H27
No Connection
H27
—
—
11
NC_J11
No Connection
J11
—
—
11
NC_J13
No Connection
J13
—
—
11
NC_J14
No Connection
J14
—
—
11
NC_K11
No Connection
K11
—
—
11
NC_K12
No Connection
K12
—
—
11
NC_K13
No Connection
K13
—
—
11
NC_K14
No Connection
K14
—
—
11
NC_W27
No Connection
W27
—
—
11
NC_AG15
No Connection
AG15
—
—
11
Reserved Pins
Reserve_A21
—
A21
—
—
41
Reserve_A25
—
A25
—
—
11
Reserve_C32
—
C32
—
—
11
Reserve_D32
—
D32
—
—
11
Reserve_F1
—
F1
—
—
11
Reserve_F2
—
F2
—
—
11
Table 1. Pins listed by bus (continued)
Signal
Signal description
Package
pin number
Pin
type
Power
supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com