Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 60Page - NXP Semiconductors P5021 Datasheet HTML 61Page - NXP Semiconductors P5021 Datasheet HTML 62Page - NXP Semiconductors P5021 Datasheet HTML 63Page - NXP Semiconductors P5021 Datasheet HTML 64Page - NXP Semiconductors P5021 Datasheet HTML 65Page - NXP Semiconductors P5021 Datasheet HTML 66Page - NXP Semiconductors P5021 Datasheet HTML 67Page - NXP Semiconductors P5021 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
64
This table provides the system clock (SYSCLK) AC timing specifications.
2.6.2
Spread-spectrum sources recommendations
Spread-spectrum clock sources is an increasingly popular way to control electromagnetic interference emissions (EMI) by
spreading the emitted noise to a wider spectrum and reducing the peak noise magnitude in order to meet industry and
government requirements. These clock sources intentionally add long-term jitter to diffuse the EMI spectral content. The jitter
specification given in Table 13 considers short-term (cycle-to-cycle) jitter only. The clock generator’s cycle-to-cycle output
jitter should meet the chip’s input cycle-to-cycle jitter requirement. Frequency modulation and spread are separate concerns;
the chip is compatible with spread spectrum sources if the recommendations listed in Table 13 are observed.
CAUTION
The processor’s minimum and maximum SYSCLK and core/platform/DDR frequencies
must not be exceeded regardless of the type of clock source. Therefore, systems in which
the processor is operated at its maximum rated core/platform/DDR frequency should avoid
violating the stated limits by using down-spreading only.
Table 12. SYSCLK AC timing specifications
For recommended operating conditions, see Table 3.
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Notes
SYSCLK frequency
fSYSCLK
100
—
166
MHz
1, 2
SYSCLK cycle time
tSYSCLK
6
—
10
ns
1, 2
SYSCLK duty cycle
tKHK / tSYSCLK
40
—
60
%
2
SYSCLK slew rate
—
1
—
4
V/ns
3
SYSCLK peak period jitter
—
—
—
150
ps
—
SYSCLK jitter phase noise
—
—
—
500
KHz
4
AC Input Swing Limits at 3.3 V OVDD
ΔV
AC
1.9
—
—
V
—
Notes:
1. Caution: The relevant clock ratio settings must be chosen such that the resulting SYSCLK frequency, do not exceed their
respective maximum or minimum operating frequencies.
2. Measured at the rising edge and/or the falling edge at OVDD/2.
3. Slew rate as measured from ±0.3
ΔV
AC at center of peak to peak voltage at clock input.
4. Phase noise is calculated as FFT of TIE jitter.
Table 13. Spread-spectrum clock source recommendations
For recommended operating conditions, see Table 3.
Parameter
Min
Max
Unit
Notes
Frequency modulation
—
60
kHz
—
Frequency spread
—
1.0
%
1, 2
Notes:
1. SYSCLK frequencies that result from frequency spreading and the resulting core frequency must meet the minimum and
maximum specifications given in Table 12.
2. Maximum spread spectrum frequency may not result in exceeding any maximum operating frequency of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com