Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 85Page - NXP Semiconductors P5021 Datasheet HTML 86Page - NXP Semiconductors P5021 Datasheet HTML 87Page - NXP Semiconductors P5021 Datasheet HTML 88Page - NXP Semiconductors P5021 Datasheet HTML 89Page - NXP Semiconductors P5021 Datasheet HTML 90Page - NXP Semiconductors P5021 Datasheet HTML 91Page - NXP Semiconductors P5021 Datasheet HTML 92Page - NXP Semiconductors P5021 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
89
2.14.2
Enhanced local bus AC timing specifications
This section describes the AC timing specifications for the enhanced local bus interface.
2.14.2.1
Test condition
This figure provides the AC test load for the enhanced local bus.
Figure 23. Enhanced local bus AC test load
2.14.2.2
Local bus AC timing specification
All output signal timings are relative to the falling edge of any LCLKs. The external circuit must use the rising edge of the
LCLKs to latch the data.
All input timings except LGTA/LUPWAIT/LFRB are relative to the rising edge of LCLKs. LGTA/LUPWAIT/LFRB are relative
to the falling edge of LCLKs.
This table describes the timing specifications of the local bus interface.
Input current (VIN = 0 V or VIN = BVDD)IIN
—±40
μA2
Output high voltage
(BVDD = min, IOH = –0.5 mA)
VOH
1.35
—
V
—
Output low voltage
(BVDD = min, IOL = 0.5 mA)
VOL
—0.4
V
—
Notes:
1. The min VILand max VIH values are based on the respective min and max BVIN values found in Table 3.
2. The symbol VIN, in this case, represents the BVIN symbol referenced in Section 2.1.2, “Recommended operating conditions.”
Table 49. Enhanced local bus timing specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
10
—
ns
—
Local bus duty cycle
tLBKH/tLBK
45
55
%
—
LCLK[n] skew to LCLK[m]
tLBKSKEW
—150
ps
2
Input setup
(except LGTA/LUPWAIT/LFRB)
tLBIVKH
6—
ns
—
Input hold
(except LGTA/LUPWAIT/LFRB)
tLBIXKH
1—
ns
—
Table 48. Enhanced local bus DC electrical characteristics (BVDD = 1.8 V) (continued)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
Output
Z0 = 50 Ω
BVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com