Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 71Page - NXP Semiconductors P5021 Datasheet HTML 72Page - NXP Semiconductors P5021 Datasheet HTML 73Page - NXP Semiconductors P5021 Datasheet HTML 74Page - NXP Semiconductors P5021 Datasheet HTML 75Page - NXP Semiconductors P5021 Datasheet HTML 76Page - NXP Semiconductors P5021 Datasheet HTML 77Page - NXP Semiconductors P5021 Datasheet HTML 78Page - NXP Semiconductors P5021 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
75
This table provides the DC electrical characteristics for the eSPI interface operating at CVDD = 1.8 V.
2.10.2
eSPI AC timing specifications
This table provides the eSPI input and output AC timing specifications.
Table 28. eSPI DC electrical characteristics (CVDD = 1.8 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
1.25
—
V
1
Input low voltage
VIL
—0.6
V
1
Input current (VIN = 0 V or VIN = CVDD)IIN
—±40
μA2
Output high voltage
(CVDD = min, IOH = –0.5 mA)
VOH
1.35
—
V
—
Output low voltage
(CVDD = min, IOL = 0.5 mA)
VOL
—0.4
V
—
Notes:
1. The min VILand max VIH values are based on the respective min and max CVIN values found in Table 3.
2. The symbol VIN, in this case, represents the CVIN symbol referenced in Section 2.1.2, “Recommended operating conditions.”
Table 29. eSPI AC timing specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol1
Min
Max
Unit Note
SPI_MOSI output—Master data (internal clock) hold time
tNIKHOX
2.36 +
(tPLATFORM_CLK *SP
MODE[HO_ADJ])
—
—
ns
2, 3
SPI_MOSI output—Master data (internal clock) delay
tNIKHOV
—
5.24 +
(tPLATFORM_CLK *
SPMODE[HO_ADJ])
ns
2, 3
SPI_CS outputs—Master data (internal clock) hold time
tNIKHOX2
0—
ns
2
SPI_CS outputs—Master data (internal clock) delay
tNIKHOV2
—6.0
ns
2
eSPI inputs—Master data (internal clock) input setup time
tNIIVKH
5—
ns
—
eSPI inputs—Master data (internal clock) input hold time
tNIIXKH
0—
ns
—
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tNIKHOV symbolizes the NMSI
outputs internal timing (NI) for the time tSPI memory clock reference (K) goes from the high state (H) until outputs (O) are valid
(V).
2. Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal. Timings are
measured at the pin.
3. See the applicable chip reference manual for details on the SPMODE register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com