Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 57 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 57 Page - ams AG

Back Button AS3933 Datasheet HTML 53Page - ams AG AS3933 Datasheet HTML 54Page - ams AG AS3933 Datasheet HTML 55Page - ams AG AS3933 Datasheet HTML 56Page - ams AG AS3933 Datasheet HTML 57Page - ams AG AS3933 Datasheet HTML 58Page - ams AG AS3933 Datasheet HTML 59Page - ams AG AS3933 Datasheet HTML 60Page - ams AG AS3933 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
Page 56
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Pack age Drawings & Mark ings
The devices are available in a 16-pin TSSOP and QFN 4
×4 16LD
package.
Figure 65:
16-pin TSSOP Package Drawing
Note(s) and/or Footnote(s):
1. Dimensions & tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
Figure 66:
Marking: YYWWMZZ@
YY
WW
M
ZZ
@
Year (i.e. 10 for 2010)
Manufacturing
Week
Assembly plant
identifier
Assembly
traceability code
Sublot identifier
Package Drawings & Markings
Symbol
Min
Nom
Max
A-
-
1.20
A1
0.05
-
0.15
A2
0.80
1.00
1.05
b
0.19
-
0.30
c
0.09
-
0.20
D
4.905.005.10
E-
6.40BSC
-
E1
4.30
4.40
4.50
e-
0.65BSC
-
L
0.450.600.75
L1
-
1.00REF
-
Symbol
Min
Nom
Max
R0.09
-
-
R1
0.09
-
-
S0.20
-
-
Θ10°
-
8°
Θ2-
12REF
-
Θ3-
12REF
-
aaa
-
0.10
-
bbb
-
0.10
-
ccc
-
0.05
-
ddd
-
0.20
-
N16
Green
RoHS
AS3933 @
YYWWMZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com