Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 27 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 27 Page - ams AG

Back Button AS3933 Datasheet HTML 23Page - ams AG AS3933 Datasheet HTML 24Page - ams AG AS3933 Datasheet HTML 25Page - ams AG AS3933 Datasheet HTML 26Page - ams AG AS3933 Datasheet HTML 27Page - ams AG AS3933 Datasheet HTML 28Page - ams AG AS3933 Datasheet HTML 29Page - ams AG AS3933 Datasheet HTML 30Page - ams AG AS3933 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Detailed Description
Serial Peripheral Interface (SPI)
This 4-wire interface is used by the Microcontroller (
μC) to
program the AS3933. The maximum clock operation frequency
of the SPI is 6MHz.
Figure 25:
Serial Peripheral Interface (SPI) Pins
Note(s): SDO is set to tristate if CS is low. In this way more than
one device can communicate on the same SDO bus.
SDI Command Structure. To program the SPI the CS signal has
to go high. A SPI command is made up by a two bytes serial
command and the data is sampled on the falling edge of SCLK.
The Figure 26 shows how the command looks like, from the MSB
(B15) to LSB (B0). The command stream has to be sent to the SPI
from the MSB (B15) to the LSB (B0).
Figure 26:
SDI Command Structure
The first two bits (B15 and B14) define the operating mode.
There are three modes available (write, read, direct command)
plus one spare (not used), as shown in Figure 27.
Name
Signal
Signal Level
Description
CS
Digital Input
CMOS
Chip Select
SIN
Digital Input
CMOS
Serial Data input for writing registers, data
to transmit and/or writing addresses to
select readable register
SOUT
Digital Output
CMOS
Serial Data output for received data or
read value of selected registers
SCLK
Digital Input
CMOS
Clock for serial data read and write
Mode
Register Address / Direct Command
Register Data
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B3
B2
B1
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com