Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 20 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 20 Page - ams AG

Back Button AS3933 Datasheet HTML 16Page - ams AG AS3933 Datasheet HTML 17Page - ams AG AS3933 Datasheet HTML 18Page - ams AG AS3933 Datasheet HTML 19Page - ams AG AS3933 Datasheet HTML 20Page - ams AG AS3933 Datasheet HTML 21Page - ams AG AS3933 Datasheet HTML 22Page - ams AG AS3933 Datasheet HTML 23Page - ams AG AS3933 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
ams Datasheet
Page 19
[v1-08] 2015-Sep-02
Document Feedback
AS3933 − Detailed Description
Listening Mode
In listening mode, the chip is active and looks continuously for
the presence of the carrier on the input of all active channels.
In this mode, only the active channel amplifiers and the Clock
Generator are running. In case the carrier is detected, then the
RSSI measurements get started on all three channels and the
result is stored in the memory.
If the three dimensional detection is not required, then it is
possible to deactivate one or more channels. In case only two
channels are required, then the deactivated channel must be
the number two; while in case only one channel is needed, then
the active channel must be the number one.
Inside the listening mode, it is possible to distinguish the
following three low power sub modes:
Standard Listening Mode. All channels are active at the same
time.
Scanning Mode (Low Power Mode 1). In this sub-mode, a time
slot T=1ms is defined and in each time slot only one channel
can be active. As shown in Figure 21 when a certain time slot is
over, the current active channel is switched OFF and the next
channel becomes active and so on. If, for example all three
channels are enabled, in the first time slot the only active
channel is the number one. When the first time slot is over, the
channel one is switched OFF and the channel three becomes
active. During the third time slot, the channel two is active while
the other two are OFF. This channel rotation starts back from
the channel one and goes on until the presence of the carrier
is detected by any channel. The Scanning mode (channel
rotation) is managed internally by the AS3933 and doesn’t need
any activity from the host system (MCU). As soon as one channel
detects the frequency, all three channels become immediately
active at the same time. The AS3933 can perform a
simultaneous multidirectional evaluation (on all three
channels) of the field and evaluate which channel has the
strongest RSSI. The channel with the highest RSSI will be put
through to the demodulator. In this way it is possible to perform
multidirectional monitoring of the field with a current
consumption of a single channel, keeping the sensitivity as
good as if all channels are active at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com