Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 35 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 35 Page - ams AG

Back Button AS3933 Datasheet HTML 31Page - ams AG AS3933 Datasheet HTML 32Page - ams AG AS3933 Datasheet HTML 33Page - ams AG AS3933 Datasheet HTML 34Page - ams AG AS3933 Datasheet HTML 35Page - ams AG AS3933 Datasheet HTML 36Page - ams AG AS3933 Datasheet HTML 37Page - ams AG AS3933 Datasheet HTML 38Page - ams AG AS3933 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Detailed Description
The AGC starts working after the frequency detection. At the
beginning the gain in the VGA is set to maximum and the AGC
reduce it according to the received signal input level. The AGC
needs maximum 35 carrier periods to settle, getting a stable
RSSI.
The AGC can operate in two modes:
• AGC down only (R1<5>=0)
• AGC up and down (R1<5>=1)
If the AGC down only mode is selected, the AGC can only
decrease the gain for the whole duration of the data reception;
in this mode the system holds the RSSI peak.
When the AGC up and down mode is selected, the RSSI can
dynamically follow the input signal strength variation in both
directions.
The RSSI is available for all 3 channels at the same time and it
is stored in 3 registers (R10<4:0>, R11<4:0>, R12<4:0>). Once
the RSSI gets stable (maximum after 35 carrier periods after
frequency detection) the channel selector checks which
channel receives the strongest signal. The channel selector
compares the RSSI on the active channels and freezes the AGC
on the channels which have the smaller RSSI. From this time on
the AGC is active only on the selected channel. It is possible to
set things back having the AGC active on all channels just
sending a clear_wake (sets the chip back to listening mode) or
reset_RSSI (resets the ACG) direct command.
Both AGC modes (only down or down and up) can also operate
with time limitation. This option allows AGC operation only in
time slot of 256μs after the frequency detection (during carrier
burst), then the RSSI is frozen till the wake-up or RSSI reset
occurs (clear_wakeup or reset_RSSI).
The RSSI is reset either with the direct command 'clear_wakeup'
or 'reset_RSSI'. The 'reset_RSSI' command resets only the VGA
setting but does not terminate wake-up frequency detection
condition. This means that if the signal is still present the new
AGC setting (RSSI) will appear not later than 35 LF carrier
periods after the command was received. The AGC setting is
reset during data receiving if for duration of 3 Manchester half
symbols no carrier is detected. If the wake-up IRQ is cleared the
chip will go back to listening mode.
In case the maximum amplification at the beginning is a
drawback (e.g. in noisy environment) it is possible to set a
smaller starting gain on the amplifier, according to the
Figure 39. In this way it is possible to reduce the false frequency
detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com