Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 26 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 26 Page - ams AG

Back Button AS3933 Datasheet HTML 22Page - ams AG AS3933 Datasheet HTML 23Page - ams AG AS3933 Datasheet HTML 24Page - ams AG AS3933 Datasheet HTML 25Page - ams AG AS3933 Datasheet HTML 26Page - ams AG AS3933 Datasheet HTML 27Page - ams AG AS3933 Datasheet HTML 28Page - ams AG AS3933 Datasheet HTML 29Page - ams AG AS3933 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
ams Datasheet
Page 25
[v1-08] 2015-Sep-02
Document Feedback
AS3933 − Detailed Description
R10<4:0>
RSSI1
R
RSSI channel 1
R11<4:0>
RSSI2
R
RSSI channel 2
R12<4:0>
RSSI3
R
RSSI channel 3
R13<7:0>
F_WAK
R
False wake-up register
R14<7>
RC_CAL_O
K
R
Successful RC calibration
R14<6>
RC_CAL_K
O
R
Unsuccessful RC calibration
R14<5:0>
RC_OSC_T
APS
R
RC-Oscillator taps setting
R15<4>
LC_OSC_O
K
R
LC-Oscillator working
R15<3>
LC_OSC_K
O
R
LC-Oscillator not working
R16<7>
CLOCK_GE
N_DIS
R/W
0
The Clock Generator output signal displayed on CL_DAT
pin
R16<5>
RC_OSC_
MIN
R/W
0
Sets the RC-oscillator to minimum frequency
R16<4>
RC_OSC_
MAX
R/W
0
Sets the RC-oscillator to maximum frequency
R16<2>
LC_OSC_
MUX3
R/W
0
Displays the resonance frequency of LF3P on DAT pin
R16<1>
LC_OSC_
MUX2
R/W
0
Displays the resonance frequency of LF2P on DAT pin
R16<0>
LC_OSC_
MUX1
R/W
0
Displays the resonance frequency of LF1P on DAT pin
R17<4:0>
CAPS_CH1
R/W
00000
Capacitor banks on the channel1
R18<4:0>
CAPS_CH1
R/W
00000
Capacitor banks on the channel2
R19<4:0>
CAPS_CH1
R/W
00000
Capacitor banks on the channel3
Register
Name
Type
Default
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com