Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 29 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 29 Page - ams AG

Back Button AS3933 Datasheet HTML 25Page - ams AG AS3933 Datasheet HTML 26Page - ams AG AS3933 Datasheet HTML 27Page - ams AG AS3933 Datasheet HTML 28Page - ams AG AS3933 Datasheet HTML 29Page - ams AG AS3933 Datasheet HTML 30Page - ams AG AS3933 Datasheet HTML 31Page - ams AG AS3933 Datasheet HTML 32Page - ams AG AS3933 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Detailed Description
The last 8 bits are the data that has to be written respectively
read. A CS toggle high-low-high terminates the command
mode.
If a direct command is sent (B15-B14=11) the bits from B13 to
B8 defines the direct command while the last 8 bits are omitted.
Figure 29 shows all possible direct commands:
Figure 29:
List of Direct Commands
All direct commands are explained below:
• clear_wake: clears the wake state of the chip. In case the
chip has woken up (WAKE pin is high) the chip is set back
to listening mode.
• reset_RSSI: resets the RSSI measurement.
• Calib_RCosc: starts the trimming procedure of the internal
RC oscillator (see page 29).
• clear_false: resets the false wake-up register
(R13<7:0>=00).
• preset_default: sets all register in the default mode, as
shown in Figure 24.
• Calib_RCO_LC: calibration of the RC-oscillator with the
external LC tank (see page 31).
Writing of Data to Addressable Registers (WRITE Mode). The
SPI is sampled at the falling edge of SCLK (as shown in the
following diagrams).
A CS toggling high-low-high indicates the end of the WRITE
command after register has been written. The following
example shows a write command.
0
1
0
0
1
0
R18
0
1
0
0
1
1
R19
COMMAND_MODE
B13
B12
B11
B10
B9
B8
clear_wake
0
0
0
0
0
0
reset_RSSI
0
0
0
0
0
1
trim_osc
0
0
0
0
1
0
clear_false
0
0
0
0
1
1
preset_default
0
0
0
1
0
0
Calib_RCO_LC
0
0
0
1
0
1
B13
B12
B11
B10
B9
B8
Read/Write Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com