Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 13 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 13 Page - ams AG

Back Button AS3933 Datasheet HTML 9Page - ams AG AS3933 Datasheet HTML 10Page - ams AG AS3933 Datasheet HTML 11Page - ams AG AS3933 Datasheet HTML 12Page - ams AG AS3933 Datasheet HTML 13Page - ams AG AS3933 Datasheet HTML 14Page - ams AG AS3933 Datasheet HTML 15Page - ams AG AS3933 Datasheet HTML 16Page - ams AG AS3933 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Electrical Characteristics
I3CHRC
Current Consumption in
standard listening mode
with three active
channels and
RC-oscillator as Clock
Generator
6.1
μA
I3CHSCRC
Current Consumption in
scanning mode with
three active channels
and RC-oscillator as
Clock Generator
3.1
μA
I3CHOORC
Current Consumption in
ON/OFF mode with three
active channels and
RC-oscillator as Clock
Generator
11% Duty Cycle
2.3
μA
50% Duty Cycle
3.8
I3CHXT
Current Consumption in
standard listening mode
with three active
channels and crystal
oscillator as Clock
Generator
6.5
8.9
μA
IDATA
Current Consumption in
Preamble detection /
Pattern correlation / Data
receiving mode
(RC-oscillator)
With 125 kHz carrier
frequency and 1 kbps
data-rate. No load on the
output pins.
8.3
12
μA
IBOOST
Additional current
consumption per
channel if gain boost
enabled
150
nA
Input Sensitivity
SENS1
Input Sensitivity on all
channels in the Band1
With 125 kHz carrier
frequency, chip in default
mode, 4 half bits burst + 4
symbols preamble and
single preamble detection
100
μVrms
SENS1B
Input Sensitivity on all
channels in the Band1
with 3dB gain boost
With 125 kHz carrier
frequency, chip in default
mode, 4 half bits burst + 4
symbols preamble and
single preamble detection
80
μVrms
SENS2
Input Sensitivity on all
channels in the Band2
With 90 kHz carrier
frequency, chip in default
mode, 4 half bits burst + 4
symbols preamble and
single preamble detection
100
μVrms
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com