Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 40 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 40 Page - ams AG

Back Button AS3933 Datasheet HTML 36Page - ams AG AS3933 Datasheet HTML 37Page - ams AG AS3933 Datasheet HTML 38Page - ams AG AS3933 Datasheet HTML 39Page - ams AG AS3933 Datasheet HTML 40Page - ams AG AS3933 Datasheet HTML 41Page - ams AG AS3933 Datasheet HTML 42Page - ams AG AS3933 Datasheet HTML 43Page - ams AG AS3933 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
ams Datasheet
Page 39
[v1-08] 2015-Sep-02
Document Feedback
AS3933 − Detailed Description
Figure 45:
Minimum Required Preamble Lengths as Function of Slow
Envelop Settings
Note(s) and/or Footnote(s):
1. These times are minimum required, but it is recommended to prolong the
preamble.
With the bits R3<6> and R3<7> it is possible to change the
hysteresis on the data slicer comparator (only positive, positive
negative, 20mV, 40mV).
The slow envelop signal (blue signal in Figure 43) represents
the average of the demodulated signal, therefore acts as a
reference signal for the data slicer. In case the chosen protocol
has a duty cycle far away from 50% (for example in the NRZ
protocol there can be several consecutive ones or zeros) the
slow envelop signal would not be a stable reference signal for
the data slicer. In this case the data slicer can also work with an
absolute threshold (R1<7>), as shown in the Figure 46. Should
the absolute threshold be enabled the bits R3<2:0> would not
influence the performance. It is even possible to reduce the
absolute threshold in case the environment is not particularly
noisy (R2<7>).
As the input signal may be damped due to physical influences
of the transmitter environment, the symbol rate needs to be
adapted (lowered) if absolute threshold is enabled to ensure a
proper detection of the wake-up signal. The peak level of the
signal should be reached within 1/3 of the symbol duration
which is defined as two times the bit duration. The bit duration
is defined in register R7 <4:0> as a function of the Clock
Generator periods.
R3<5>
R3<4>
R3<3>
Minimum Preamble
Length [ms]
0
0
0
0.8
0
0
1
1.15
0
1
0
1.55
0
1
1
1.9
1
0
0
2.3
1
0
1
2.65
1
1
0
3
1
1
1
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com