Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 21 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 21 Page - ams AG

Back Button AS3933 Datasheet HTML 17Page - ams AG AS3933 Datasheet HTML 18Page - ams AG AS3933 Datasheet HTML 19Page - ams AG AS3933 Datasheet HTML 20Page - ams AG AS3933 Datasheet HTML 21Page - ams AG AS3933 Datasheet HTML 22Page - ams AG AS3933 Datasheet HTML 23Page - ams AG AS3933 Datasheet HTML 24Page - ams AG AS3933 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Detailed Description
Figure 21:
Scanning Mode
ON/OFF Mode (Low Power Mode 2). In this low power
sub-mode the chip sets the receiving channels in polling mode;
all active channels are on at the same time only for a certain
time T (where T is 1 ms). The OFF-time can be defined with the
bits R4<7:6>. If, for example, R4<7:6>=11 (see Figure 25) the
active channels will be 1ms ON and 8ms OFF.
Figure 22:
ON/OFF Mode
time
time
time
Channel 1
Channel 3
Channel 2
time
Presence of
carrier
t0
t0+T
t0+2T
t0+3T
t0+4T
t0+5T
t1
time
time
time
Channel 1
Channel 2
Channel 3
time
Presence of
carrier
t0
t0+T
2*t0
2*t0+T
3*t0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com