Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 18 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 18 Page - ams AG

Back Button AS3933 Datasheet HTML 14Page - ams AG AS3933 Datasheet HTML 15Page - ams AG AS3933 Datasheet HTML 16Page - ams AG AS3933 Datasheet HTML 17Page - ams AG AS3933 Datasheet HTML 18Page - ams AG AS3933 Datasheet HTML 19Page - ams AG AS3933 Datasheet HTML 20Page - ams AG AS3933 Datasheet HTML 21Page - ams AG AS3933 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
ams Datasheet
Page 17
[v1-08] 2015-Sep-02
Document Feedback
AS3933 − Detailed Description
The AS3933 is a three-dimensional low power low-frequency
wake-up receiver. The AS3933 is capable of detecting the
presence of an inductive coupled carrier and can extract the
envelope of the ON-OFF-Keying (OOK) modulated carrier. In
case the carrier is Manchester coded, the clock can be recovered
from the received signal and the data can be correlated with a
programmed pattern. If the detected pattern corresponds to
the stored one, a wake-up signal (IRQ) is risen up. The pattern
correlation can be disabled; in this case the wake-up detection
is based only on the frequency detection.
The AS3933 is made up of three independent receiving
channels, one envelop detector, one data correlator, one
Manchester decoder, 19 programmable registers with the main
logic and a Clock Generator.
The digital logic can be accessed by an SPI. The Clock Generator
can be based on a crystal oscillator, or an internal RC-oscillator
or an external clock. In case the RC-oscillator is used to improve
its accuracy, a calibration can be performed.
The internal LC-oscillator can deliver the antenna’s oscillation
frequency for each channel and the internal tuning capacitor
bank can provide fine tuning.
The Internal RC-oscillator can be calibrated either over SPI or
using the internal algorithm based on the antenna resonance
frequency.
Figure 19:
Block Diagram of LF Wake-Up Receiver AS3933
Detailed Description
Wakeup
Main Logic
Envelope Detector /
Data Slicer
Correlator
I/ V
Bias
Xtal Oscillator
Xin
RC Oscillator
Manchester
Decoder
SPI
Channel
Amplifier 1
Channel
Amplifier 2
Channel
Amplifier 3
RSSI
RSSI
RSSI
Data
Data
Data
IRQ
Xout
GND
VCC
LF1P
LF2P
LF3P
SCL
SDI
SDO
LFN
DAT
CS
CL_DAT
Channel
Selector
Freq. OK
Freq. OK
Freq. OK
Tuning
Capacitors
Tuning
Capacitors
Tuning
Capacitors
LC-Oscillator
Clock Buffer
Clock Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com