Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 48 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 48 Page - ams AG

Back Button AS3933 Datasheet HTML 44Page - ams AG AS3933 Datasheet HTML 45Page - ams AG AS3933 Datasheet HTML 46Page - ams AG AS3933 Datasheet HTML 47Page - ams AG AS3933 Datasheet HTML 48Page - ams AG AS3933 Datasheet HTML 49Page - ams AG AS3933 Datasheet HTML 50Page - ams AG AS3933 Datasheet HTML 51Page - ams AG AS3933 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
ams Datasheet
Page 47
[v1-08] 2015-Sep-02
Document Feedback
AS3933 − Detailed Description
Manchester Decoder and Clock Recovery
In case the Manchester decoder is enabled (R1<3>=1) the
AS3933 decodes the incoming Manchester bits automatically
and the Manchester decoded data are displayed on the DAT pin
and the Manchester recovered clock on the CL_DAT. The data
coming out from the DAT pin are stable (and therefore can be
acquired) on the rising edge of the CL_DAT clock, as shown in
Figure 54.
Figure 54:
Synchronization of Data with the Manchester Recovered Clock
In case a Manchester timing violation happens, the signal on
SPO goes high for a duration of 4 periods of internal clock
(either crystal oscillator or RCO or external clock).
False Wake-Up Register
The wake-up strategy in the AS3933 is based on 2 steps:
1.
Frequency Detection: In this phase the frequency of the
received signal is checked.
2.
Pattern Correlation: Here the pattern is demodulated
and checked whether it corresponds to the valid one.
If there is a disturber or noise capable to overcome the first step
(frequency detection) without producing a valid pattern, then
a false wake-up call happens. Each time this event is recognized
a counter is incremented by one and the respective counter
value is stored in a memory cell (false wake-up register). Thus,
the microcontroller can periodically look at the false wake-up
register, to get a feeling how noisy the surrounding
environment is and can then react accordingly (e.g. reducing
the gain of the LNA during frequency detection, set the AS3933
temporarily to power down etc.), as shown in the Figure 55. The
false wake-up counter is a useful tool to quickly adapt the
system to any changes in the noise environment and thus avoid
false wake-up events.
CL_DAT
DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com