Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 34 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 34 Page - ams AG

Back Button AS3933 Datasheet HTML 30Page - ams AG AS3933 Datasheet HTML 31Page - ams AG AS3933 Datasheet HTML 32Page - ams AG AS3933 Datasheet HTML 33Page - ams AG AS3933 Datasheet HTML 34Page - ams AG AS3933 Datasheet HTML 35Page - ams AG AS3933 Datasheet HTML 36Page - ams AG AS3933 Datasheet HTML 37Page - ams AG AS3933 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
ams Datasheet
Page 33
[v1-08] 2015-Sep-02
Document Feedback
AS3933 − Detailed Description
Figure 36:
Bit Setting for the Operating Frequency Range and Time Windows Generation for the Frequency
Detection
The frequency detection is successful if in two consecutive time
windows the zero threshold counter detects M zero crossing,
where M depends also on the operating frequency range. The
frequency detection criteria can be tighter or more relaxed
according to the setup described in R2<1:0> (see Figure 36).
Figure 37:
Tolerance Settings for Frequency Detection in the Bands
23-150 kHz
Figure 37 shows the value of M for the different tolerance
settings for the operating frequency bands from 23 to 150 kHz.
Figure 38 shows M in case the operating frequency range is the
lowest one (15 to 23 kHz).
Figure 38:
Tolerance Settings for Frequency Detection in the Bands
15-23 kHz
R8<7>
R8<6>
R8<5>
N
Operating Frequency Range [kHz]
0
0
0
4
95-150
0
0
1
6
65-95
0
1
0
10
40-65
0
1
1
18
23-40
1
1
1
14
15-23
R2<1>
R2<0>
M
00
16±6
01
16±4
10
16±2
11
n.a
R2<1>
R2<0>
M
00
8±3
01
8±2
10
8±1
11
n.a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com