Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 55 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 55 Page - ams AG

Back Button AS3933 Datasheet HTML 51Page - ams AG AS3933 Datasheet HTML 52Page - ams AG AS3933 Datasheet HTML 53Page - ams AG AS3933 Datasheet HTML 54Page - ams AG AS3933 Datasheet HTML 55Page - ams AG AS3933 Datasheet HTML 56Page - ams AG AS3933 Datasheet HTML 57Page - ams AG AS3933 Datasheet HTML 58Page - ams AG AS3933 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
Page 54
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Detailed Description
Each of the three antennas can be tuned with the internal
capacitor banks. The capacitor can be connected or
disconnected (adding or subtracting parallel capacitance to the
external resonator) through registers R17<4:0>, R18<4:0> and
R19<4:0>.
Figure 62:
Parallel Tuning Capacitance on the LF1P
Figure 63:
Parallel Tuning Capacitance on the LF2P
R17
Capacitance on LF1P
R17<0>=1
Adds 1pF to LF1P
R17<1>=1
Adds 2pF to LF1P
R17<2>=1
Adds 4pF to LF1P
R17<3>=1
Adds 8pF to LF1P
R17<4>=1
Adds 16pF to LF1P
R18
Capacitance on LF2P
R18<0>=1
Adds 1pF to LF2P
R18<1>=1
Adds 2pF to LF2P
R18<2>=1
Adds 4pF to LF2P
R18<3>=1
Adds 8pF to LF2P
R18<4>=1
Adds 16pF to LF2P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com