Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 45 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 45 Page - ams AG

Back Button AS3933 Datasheet HTML 41Page - ams AG AS3933 Datasheet HTML 42Page - ams AG AS3933 Datasheet HTML 43Page - ams AG AS3933 Datasheet HTML 44Page - ams AG AS3933 Datasheet HTML 45Page - ams AG AS3933 Datasheet HTML 46Page - ams AG AS3933 Datasheet HTML 47Page - ams AG AS3933 Datasheet HTML 48Page - ams AG AS3933 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
Page 44
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Detailed Description
Wake-Up Protocol: Frequency Detection Only
Figure 50:
Wake-Up Protocol Overview Without Pattern Detection
In case the pattern correlation is disabled (R1<1>=0) the
AS3933 wakes up upon detection of the carrier frequency only
as shown in Figure 50. The minimum duration of the carrier
burst in order to ensure that AS3933 wakes up and the RSSI is
settled is specified in the Figure 52. In addition the carrier burst
does not have to be longer than 155 periods of the Clock
Generator (Crystal oscillator or RCO or External Clock). As shown
in the Figure 20, the AS3933 after the detection of the carrier
goes directly from the Listening mode to Data receiving mode
after settling the RSSI.
Wake-Up Protocol: Pattern Detection Enabled
In case the pattern correlation is enabled (R1<1>=1) the AS3933
generates a wake-up interrupt if the wake-up protocol is
fulfilled. The communication protocol consists of a carrier burst,
a preamble (0101010…. ON/OFF modulated carrier) and the
16-bit pattern. In case the double pattern option is enabled
(R1<2>=1) the 16-bit pattern has to be repeated 2 times
consequentially (2 times the same pattern). The signal on the
WAKE pin goes high one bit after the end of the pattern and the
data transmission can get started.
Carrier Burst
Data
Carrier Burst
WAKE
Clear_wake
DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com