Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 19 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 19 Page - ams AG

Back Button AS3933 Datasheet HTML 15Page - ams AG AS3933 Datasheet HTML 16Page - ams AG AS3933 Datasheet HTML 17Page - ams AG AS3933 Datasheet HTML 18Page - ams AG AS3933 Datasheet HTML 19Page - ams AG AS3933 Datasheet HTML 20Page - ams AG AS3933 Datasheet HTML 21Page - ams AG AS3933 Datasheet HTML 22Page - ams AG AS3933 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Detailed Description
AS3933 needs the following external components:
• Power supply capacitor - CBAT - 100 nF.
• 32.768 kHz crystal with its two pulling capacitors - XTAL
and CL - (it is possible to omit these components if the
internal RC oscillator is used instead of the crystal
oscillator).
• One, two, or three LC resonators according to the number
of used channels.
In case the internal RC-oscillator is used (no crystal oscillator is
mounted), the pin XIN has to be connected to the supply, while
pin XOUT should stay floating. Application diagrams with and
without crystal are shown in Figure 2, Figure 3 and Figure 4.
Operating Modes
The diagram in Figure 20 shows how the AS3933 operates.
Figure 20:
Operating Modes Flow Chart
Pattern
Correlation
(Wake=0)
Listening Mode
(WAKE=0)
Data Receiving
(WAKE=1)
Frequency Detection OK
And
Pattern Detection Enabled
Frequency Detection OK
And
Pattern Detection Disabled
Pattern matches
Clear Wake
or
Time out
Pattern doesn’t
match
Start RSSI
(Wake=1)
Start RSSI
(Wake=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com