Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 30 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 30 Page - ams AG

Back Button AS3933 Datasheet HTML 26Page - ams AG AS3933 Datasheet HTML 27Page - ams AG AS3933 Datasheet HTML 28Page - ams AG AS3933 Datasheet HTML 29Page - ams AG AS3933 Datasheet HTML 30Page - ams AG AS3933 Datasheet HTML 31Page - ams AG AS3933 Datasheet HTML 32Page - ams AG AS3933 Datasheet HTML 33Page - ams AG AS3933 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
ams Datasheet
Page 29
[v1-08] 2015-Sep-02
Document Feedback
AS3933 − Detailed Description
Figure 30:
Writing of a Single Byte (Falling Edge Sampling)
Figure 31:
Writing of Register Data with Auto-Incrementing Address
Reading of Data from Addressable Registers (READ Mode).
Once the address has been sent through SPI, the data can be
fed through the SDO pin out to the microcontroller.
A CS LOW toggling high-low-high has to be performed after
finishing the read mode session, in order to indicate the end of
the READ command and prepare the Interface to the next
command control Byte.
To transfer bytes from consecutive addresses, SPI master has to
keep the CS signal high and the SCLK clock has to be active as
long as data need to be read.
CS
SCLK
SDI
0
0
A5
A4
A3
A2
A1
A0
D5
D4
D3
D2
D1
D0
D7
D6
X
X
SCLK rising
edge Data is
transfered from
μC
SCLK
falling edge
Data is
sampled
Data is moved
to Address
A5-A0
CS falling
edge signals
end of
WRITE Mode
Two leading
Zeros indicate
WRITE Mode
CS
SCLK
SDI
00 A
5
A
4
A
3
A
2
A
1
A
0
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
X
X
Data is moved
to Address
<A5-A0 > + n
CS falling
edge signals
end of
WRITE Mode
Two leading
Zeros indicate
WRITE Mode
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
1
D
0
Data is moved
to Address
<A5-A0 > + (n-1)
Data is moved
to Address
<A5-A0 > + 1
Data is moved
to Address
<A5-A0 >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com