Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 12 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 12 Page - ams AG

Back Button AS3933 Datasheet HTML 8Page - ams AG AS3933 Datasheet HTML 9Page - ams AG AS3933 Datasheet HTML 10Page - ams AG AS3933 Datasheet HTML 11Page - ams AG AS3933 Datasheet HTML 12Page - ams AG AS3933 Datasheet HTML 13Page - ams AG AS3933 Datasheet HTML 14Page - ams AG AS3933 Datasheet HTML 15Page - ams AG AS3933 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
ams Datasheet
Page 11
[v1-08] 2015-Sep-02
Document Feedback
AS3933 − Electrical Characteristics
Figure 14:
Electrical System Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input Characteristics
RIN
AC Input Impedance
at125kHz
In case no antenna
damper is set (R1<4>=0)
2M
Ω
F1max
Maximum Input
Frequency Band1
150
kHz
F1min
Minimum Input
Frequency Band1
95
kHz
F2max
Maximum Input
Frequency Band2
95
kHz
F2min
Minimum Input
Frequency Band2
65
kHz
F3max
Maximum Input
Frequency Band3
65
kHz
F3min
Minimum Input
Frequency Band3
40
kHz
F4max
Maximum Input
Frequency Band4
40
kHz
F4min
Minimum Input
Frequency Band4
23
kHz
F5max
Maximum Input
Frequency Band5
23
kHz
F5min
Minimum Input
Frequency Band5
15
kHz
Current Consumption
I1CHRC
Current Consumption in
standard listening mode
with one active channel
and RC-oscillator as
Clock Generator
3.1
μA
I2CHRC
Current Consumption in
standard listening mode
with two active channels
and RC-oscillator as
Clock Generator
4.6
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com