Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 52 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 52 Page - ams AG

Back Button AS3933 Datasheet HTML 48Page - ams AG AS3933 Datasheet HTML 49Page - ams AG AS3933 Datasheet HTML 50Page - ams AG AS3933 Datasheet HTML 51Page - ams AG AS3933 Datasheet HTML 52Page - ams AG AS3933 Datasheet HTML 53Page - ams AG AS3933 Datasheet HTML 54Page - ams AG AS3933 Datasheet HTML 55Page - ams AG AS3933 Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
ams Datasheet
Page 51
[v1-08] 2015-Sep-02
Document Feedback
AS3933 − Detailed Description
In case the pattern detection and the Manchester decoder are
not enabled (R1<1>=0 and R1<3>=1) the calibration on the
RC-oscillator is not needed. Should this not be the case, the
RC-oscillator has to be calibrated. The calibration of the
RC-oscillator can be done in two different ways:
• Over SPI, the host system (MCU) has to be able to provide
65 clock pulses of a reference clock. In this case the host
has to have a precise reference clock (quartz, resonator
etc.).
• Using the internal calibration procedure based on the
antenna resonator. Using this calibration method the
RC-oscillator is automatically trimmed to the proper
frequency, according to the operating frequency band.
The precision of the calibration depends on the tolerances
of the resonator of the first channel (LC connected to
LF1P).
RC-Oscillator: Calibration via SPI. The calibration gets started
with the Calib_RCosc direct command. Since no non-volatile
memory is available on the chip, the calibration must be done
every time after battery replacement. Since the Clock Generator
defines the time base of the frequency detection, the selected
frequency depends on the carrier frequency. The choice of the
reference clock frequency delivered by the host (MCU) is the
same as the choice of the frequency in case the crystal oscillator
is used and it is shown in the Figure 56.
To trim the RC-Oscillator, set the chip select (CS) to high before
sending the direct command Calib_RCosc over SPI. Then 65
digital clock cycles of the reference clock (e.g.
125kHz/4=31.25kHz) have to be sent on the clock bus (SCLK),
as shown in Figure 59. After that the signal on the chip select
(CS) has to be pulled down.
The calibration is effective after the 65th reference clock edge
and it will be stored in a volatile memory. In case the
RC-oscillator is switched OFF or a power-on-reset happens (e.g.
battery change) the calibration has to be repeated.
Figure 59:
RC-Oscillator Calibration via SPI
CS
SCLK
SDI
X
X
65 clock cycles
11
1
00
0
0
0
DIRECT COMMAND
Trim_osc
REFERENCE CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com