Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 25 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 25 Page - ams AG

Back Button AS3933 Datasheet HTML 21Page - ams AG AS3933 Datasheet HTML 22Page - ams AG AS3933 Datasheet HTML 23Page - ams AG AS3933 Datasheet HTML 24Page - ams AG AS3933 Datasheet HTML 25Page - ams AG AS3933 Datasheet HTML 26Page - ams AG AS3933 Datasheet HTML 27Page - ams AG AS3933 Datasheet HTML 28Page - ams AG AS3933 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Detailed Description
R3<7>
HY_20m
R/W
0
Data slicer hysteresis
if HY_20m = 0 then comparator hysteresis = 40mV
if HY_20m = 1 then comparator hysteresis = 20mV
R3<6>
HY_POS
R/W
0
Data slicer hysteresis only on positive edges (HY_POS=0,
hysteresis on both edges, HY_POS=1, hysteresis only on
positive edges)
R3<5:3>
FS_SCL
R/W
100
Data slicer time constant (see Figure 45)
R3<2:0>
FS_ENV
R/W
000
Envelop detector time constant (see Figure 44)
R4<7:6>
T_OFF
R/W
00
OFF time in ON/OFF operation mode
T_OFF=00
1ms
T_OFF=01
2ms
T_OFF=10
4ms
T_OFF=11
8ms
R4<5:4>
D_RES
R/W
01
Antenna damping resistor (see Figure 40)
R4<3:0>
GR
R/W
0000
Gain reduction (see Figure 39)
R5<7:0>
TS2
R/W
01101001
2nd Byte of wake-up pattern
R6<7:0>
TS1
R/W
10010110
1st Byte of wake-up pattern
R7<7:5>
T_OUT
R/W
000
Automatic time-out (see Figure 49)
R7<4:0>
T_HBIT
R/W
01011
Bit rate definition (see Figure 48)
R8<7:5>
BAND_SEL
R/W
000
Band selection (see Figure 36)
R8<2:0>
T_AUTO
R/W
000
Artificial wake-up
T_AUTO=000
No artificial wake-up
T_AUTO=001
1 sec
T_AUTO=010
5 sec
T_AUTO=011
20 sec
T_AUTO=100
2 min
T_AUTO=101
15min
T_AUTO=110
1 hour
T_AUTO=111
2 hour
R9<7>
BLOCK_A
GC
R/W
0
Disables AGC
R9<6:0>
000000
Reserved
Register
Name
Type
Default
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com