Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 11 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 11 Page - ams AG

Back Button AS3933 Datasheet HTML 7Page - ams AG AS3933 Datasheet HTML 8Page - ams AG AS3933 Datasheet HTML 9Page - ams AG AS3933 Datasheet HTML 10Page - ams AG AS3933 Datasheet HTML 11Page - ams AG AS3933 Datasheet HTML 12Page - ams AG AS3933 Datasheet HTML 13Page - ams AG AS3933 Datasheet HTML 14Page - ams AG AS3933 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Electrical Characteristics
Figure 12:
Operating Conditions
Figure 13:
DC/AC Characteristics for Digital Inputs and Outputs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Positive supply voltage
2.4
3
3.6
V
VSS
Negative supply
voltage
0
0
V
TAMB
Ambient temperature
-40
85
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CMOS Input
VIH
High level input voltage
0.6*
VDD
0.7*
VDD
0.8*
VDD
V
VIL
Low level input voltage
0.12*
VDD
0.2*
VDD
0.3*
VDD
V
ILEAK
Input leakage current
100
nA
CMOS Output
VOH
High level output voltage
With a load current of 1mA
VDD -
0.4
V
VOL
Low level output voltage
With a load current of 1mA
VSS+
0.4
V
CL
Capacitive load
For a clock frequency of 1 MHz
400
pF
Tristate CMOS Output
VOH
High level output voltage
With a load current of 1mA
VDD -
0.4
V
VOL
Low level output voltage
With a load current of 1mA
VSS+
0.4
V
IOZ
Tristate leakage current
To VDD and VSS
100
nA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com