Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 50 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 50 Page - ams AG

Back Button AS3933 Datasheet HTML 46Page - ams AG AS3933 Datasheet HTML 47Page - ams AG AS3933 Datasheet HTML 48Page - ams AG AS3933 Datasheet HTML 49Page - ams AG AS3933 Datasheet HTML 50Page - ams AG AS3933 Datasheet HTML 51Page - ams AG AS3933 Datasheet HTML 52Page - ams AG AS3933 Datasheet HTML 53Page - ams AG AS3933 Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
ams Datasheet
Page 49
[v1-08] 2015-Sep-02
Document Feedback
AS3933 − Detailed Description
Clock Generator
The Clock Generator can be based on a crystal oscillator
(R1<0>=1), the internal RC-oscillator (R1<0>=0), or an external
clock source (R1<0>=1). The crystal oscillator has higher
precision of the frequency with higher current consumption
and needs three external components (crystal plus two
capacitors). The RC-oscillator is completely integrated and can
be calibrated to increase its precision. Should a digital clock
already be available it can be applied directly to the XOUT pin
(XIN to VDD).
Regardless which clock generator is chosen, the frequency of
the Clock Generator must be set according to the carrier
frequency. Figure 56 shows the dependency of the Clock
Generator frequency from the carrier frequency and operating
frequency band.
Figure 56:
Clock Generator Frequency vs Frequency Band
It is possible to display the frequency of the clock generator on
the CL_DAT pin writing R2<3:2>=11 and R16<7>=1.
Carrier Frequency
[kHz]
Clock Generator Frequency
15 – 23
23-40
40-65
65 – 95
95 - 150
fRC
fcarr
14
8
------
⋅
=
fRC
fcarr
9
8
---
⋅
=
fRC
fcarr
5
8
---
⋅
=
fRC
fcarr
3
8
---
⋅
=
fRC
fcarr
4
-----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com