Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 36 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 36 Page - ams AG

Back Button AS3933 Datasheet HTML 32Page - ams AG AS3933 Datasheet HTML 33Page - ams AG AS3933 Datasheet HTML 34Page - ams AG AS3933 Datasheet HTML 35Page - ams AG AS3933 Datasheet HTML 36Page - ams AG AS3933 Datasheet HTML 37Page - ams AG AS3933 Datasheet HTML 38Page - ams AG AS3933 Datasheet HTML 39Page - ams AG AS3933 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
ams Datasheet
Page 35
[v1-08] 2015-Sep-02
Document Feedback
AS3933 − Detailed Description
Figure 39:
Bit Setting of Gain Reduction
Antenna Damper
In case the chip needs to deal with higher field strengths the
antenna damper can be enabled. The antenna damper consists
of internal resistors which can be connected in parallel to the
external resonator as shown in Figure 40. It is possible to enable
the antenna damper with the bit R1<4> and the value of the
resistor can be chosen with the bits R4<5:4>. The shunt resistors
degrade the quality factor of the external resonator by reducing
the signal at the input of the amplifier. In this way the resonator
sees a smaller parallel resistance (in the band of interest) which
degrades its quality factor in order to increase the linear range
of the channel amplifier (the amplifier doesn't saturate in
presence of bigger signals). Figure 40 shows the bit setup.
Figure 40:
Antenna Damper Bit Setup
R4
<3>
R4
<2>
R4
<1>
R4
<0>
Gain
Reduction
0
0
0
0
No gain
reduction
0
0
0
1
n.a.
0
0
1
0 or 1
n.a.
0
1
0
0 or 1
-4dB
0
1
1
0 or 1
-8dB
1
0
0
0 or 1
-12dB
1
0
1
0 or 1
-16dB
11
0
0 or 1
-20dB
11
1
0 or 1
-24dB
R4<5>
R4<4>
Shunt Resistor
00
1 k
Ω
01
3 k
Ω
10
9 k
Ω
11
27 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com