Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 16 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 16 Page - ams AG

Back Button AS3933 Datasheet HTML 12Page - ams AG AS3933 Datasheet HTML 13Page - ams AG AS3933 Datasheet HTML 14Page - ams AG AS3933 Datasheet HTML 15Page - ams AG AS3933 Datasheet HTML 16Page - ams AG AS3933 Datasheet HTML 17Page - ams AG AS3933 Datasheet HTML 18Page - ams AG AS3933 Datasheet HTML 19Page - ams AG AS3933 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
ams Datasheet
Page 15
[v1-08] 2015-Sep-02
Document Feedback
AS3933 − Typical Operating Characteristics
Figure 15:
Sensitivity vs Voltage and Temperature
Figure 16:
Sensitivity vs RSSI
Typical Operating
Characteristics
0
20
40
60
80
100
120
2.4
3
3.6
Supply Voltage [V]
-40 oC
27 oC
95 oC
V
IN = 2.4V
V
IN = 1.5V
V
IN = 1.0V
1
10
100
1000
10000
100000
1000000
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
RSSI [dB]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com