Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 41 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 41 Page - ams AG

Back Button AS3933 Datasheet HTML 37Page - ams AG AS3933 Datasheet HTML 38Page - ams AG AS3933 Datasheet HTML 39Page - ams AG AS3933 Datasheet HTML 40Page - ams AG AS3933 Datasheet HTML 41Page - ams AG AS3933 Datasheet HTML 42Page - ams AG AS3933 Datasheet HTML 43Page - ams AG AS3933 Datasheet HTML 44Page - ams AG AS3933 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
Page 40
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Detailed Description
Figure 46:
Envelop Detector Signals - Absolute Threshold
Correlator
In order to prevent that the AS3933 wakes up the host system
(MCU) from noise or disturbers (LF transmitter within the field)
the internal correlator checks that the bit sequence delivered
from the data slicer corresponds to stored pattern. The wanted
pattern can be stored in the registers R5<7:0> and R6<7:0>. The
data correlation is performed only if the correlator is enabled
(R1<1>=1) and can start only after frequency detection.
The pattern correlation is successful (Wake goes high) only if
the bits sequence (pattern) and its timing (duration of the single
bit) matches.
Pattern: Bit and Symbol Definition in Manchester
Code
The AS3933 can correlate the incoming pattern without the
help of an external unit (MCU). The chosen pattern must be
Manchester encoded. In the Manchester code each “Symbol” is
defined by a transition (high-to-low for 1 and low-to-high for
0), therefore consists of two “bits”. In the Figure 47 it is shown,
as an example, how the encoding technique works. In this
sequence a simple message made up by 3 symbols (1 0 1) is
Manchester encoded. In the Manchester encoded bit stream
there can not be three consecutive zeros or ones (in each
symbol there is always a transition). This helps the receiver to
recover the clock.
Absolute
Threshold (blue)
Fast Envelop
(red)
Data Slicer Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com