Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3933 Datasheet(PDF) 33 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 33 Page - ams AG

Back Button AS3933 Datasheet HTML 29Page - ams AG AS3933 Datasheet HTML 30Page - ams AG AS3933 Datasheet HTML 31Page - ams AG AS3933 Datasheet HTML 32Page - ams AG AS3933 Datasheet HTML 33Page - ams AG AS3933 Datasheet HTML 34Page - ams AG AS3933 Datasheet HTML 35Page - ams AG AS3933 Datasheet HTML 36Page - ams AG AS3933 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Detailed Description
Channel Amplifier and Frequency Detector
Each of the 3 channels consists of a variable gain amplifier (VGA)
with automatic gain control (AGC) and a frequency detector.
When the AS3933 is in listening mode (waiting for RF signal)
the gain of all channel amplifiers is set to maximum. The
frequency detector counts the zero crossing of the amplified RF
signal to detect the presence of the wanted carrier. As soon as
the carrier is detected the AGC is enabled, the gain of the VGA
is reduced and set to the right value. The RSSI (Received Signal
Strength Indicator) represents how strong the input signal is
and it is the inverse representation of the gain of the VGA. In
fact, if for example the input signal is very strong the AGC will
reduce the gain of the VGA. The gain reduction will correspond
to a big RSSI, as it is the inverse of the gain setting of the VGA
(small gain corresponds to a big RSSI and vice versa).
The AS3933 is a pretty wide LF wake-up receiver and can work
between 15 kHz and 150 kHz. Once the carrier frequency has
been chosen the user must set the amplifier working in the
appropriate frequency band using the bits R8<7:5>, as
described in the Figure 36.
It is possible to boost the gain of the amplifiers for +3dB with
an improvement of the sensitivity, as shown in the Figure 14
(R2<5>=1). The gain boost will increase the current
consumption of 100nA (typ) per channel. In case the lowest
frequency band is used (15kHz – 23 kHz) the gain boost is
automatically enabled from the logic.
It is possible to enable/disable individual channels, in case not
all three channels are needed. This enables to reduce the
current consumption by 1.5
μA (typ.) per channel.
Frequency Detector / RSSI / Channel Selector
The frequency detection is based on a zero crossing counter
and uses the Clock Generator as time base. This counter counts
the zero crossing of the input signal within a time window
defined by the clock generator and if it matches to the expected
value it enabled the AGC (the RSSI measurement can get
started). The Clock Generator can be based either on the
internal RC-oscillator or on the Crystal oscillator or on the
external clock source. The details on the choice of the Clock
Generator are discussed in the Clock Generator. The Clock
Generator generates time windows equal to N times its period,
where N depends on the operating frequency band, as shown
in the Figure 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com