Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 26 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 22Page - Analog Devices LTM4686BEVPBF Datasheet HTML 23Page - Analog Devices LTM4686BEVPBF Datasheet HTML 24Page - Analog Devices LTM4686BEVPBF Datasheet HTML 25Page - Analog Devices LTM4686BEVPBF Datasheet HTML 26Page - Analog Devices LTM4686BEVPBF Datasheet HTML 27Page - Analog Devices LTM4686BEVPBF Datasheet HTML 28Page - Analog Devices LTM4686BEVPBF Datasheet HTML 29Page - Analog Devices LTM4686BEVPBF Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 130 page
background image
LTM4686B
26
Rev. 0
For more information www.analog.com
OPERATION
When an external stimulus pulls the LTM4686B’s GPIOn
pin(s) logic low, the respective channel (VOUTn) either: takes
no action on it, i.e., ignores it completely—if MFR_GPIO_
RESPONSEn = 0x00; or, turns off immediately, i.e., the
power stage(s) become high impedance (“inhibited”)—if
MFR_GPIO_RESPONSEn = 0xC0.
The MFR_GPIO_PROPAGATEn register contents config-
ure which fault(s) cause the LTM4686B to pull its GPIOn
pin(s) logic low.
I2C communications are originated by the user’s (sys-
tem’s)I2C master device. Writes/reads to/from Channel 0
of the LTM4686B (VOUT0: PAGE 0x00), to/from Channel
1 of the LTM4686B (VOUT1: PAGE 0x01), or writes to
both Channels 0 and 1 of the LTM4686B (VOUT0 and
VOUT1: PAGE 0xFF) are possible. The target channel(s)
of interest are selected by the I2C master by executing
the PAGE command and sending the appropriate argu-
ment (0x00, 0x01, 0xFF) in the payload. The PAGE com-
mand is unrestricted, i.e., not affected by the WP pin or
WRITE_PROTECT register settings.
The LTM4686B always responds to its global slave
addresses, 0x5A and 0x5B. Commands sent to the global
address 0x5A act the same as if the PAGE command were
set to 0xFF, i.e., received commands are written to both
channels simultaneously. Commands sent to the global
address 0x5B are applied to the PAGE active at the time
of the global address transaction, i.e., allows channel-
specific command of all LTM4686B devices on the bus.
I2C commands not listed above that relate to Fault Status
and EEPROM NVM Operations follow. Writing of the fol-
lowing is possible provided the state of the WP (write
protect) pin and the WRITE_PROTECT register value per-
mits the I2C writes:
n
Soliciting (reading) module fault status and clear-
ing (writing) module fault status (CLEAR_FAULTS,
STATUS_BYTEn, STATUS_WORDn, STATUS_
VOUTn, STATUS_IOUTn, STATUS_INPUT, STATUS_
TEMPERATUREn, STATUS_CML [communications,
memory, and/or logic], and STATUS_MFR_SPECIFICn
[miscellaneous]).
n
Storing the LTM4686B’s user-writable RAM register
data to the EEPROM NVM (STORE_USER_ALL).
n
An alternate means to the STORE_USER_ALL command
to directly erase and write the LTM4686B’s EEPROM
contents, protected by unlock keys, to facilitate program-
ming of the LTM4686B EEPROM in environments such
as ICT (in-circuit test) and bulk programming by, e.g.,
embedded hardware or by the LTpowerPlay GUI. Also, a
means to directly read the LTM4686B EEPROM contents
(MFR_EE_UNLOCK, MFR_EE_ERASE, MFR_EE_DATA).
n
Instigating a soft reset of the LTM4686B without power-
cycling SVIN power (MFR_RESET). The MFR_RESET
command triggers the download of EEPROM NVM data
to RAM registers, as if SVIN power had been cycled.
n
Forcing a download of EEPROM NVM data to RAM reg-
isters (RESTORE_USER_ALL). This is indistinguish-
able from executing MFR_RESET.
Other data that can be obtained from the LTM4686B via
I2C communications are as follows:
n
Soliciting the LTM4686B for its PMBus capabilities, as
defined by PMBus (CAPABILITY):
• PEC (packet error checking). Note, the LTM4686B
requires valid PEC in I2C communications when
MFR_CONFIG_ALL[2] = 1b. The NVM factory-default
configuration is MFR_CONFIG_ALL[2] = 0b, i.e., PEC
not required.
• I2C communications can be supported at up to
400kHz SCL bus speed. Note, clock low extend-
ing (clock stretching) must be enabled on the
LTM4686B to ensure robust communications above
100kHz SCL bus speeds, i.e., MFR_CONFIG_ALL[1]
= 1b. The NVM factory-default configuration is
MFR_CONFIG_ALL[1] = 0b, i.e. Clock stretching
is disabled.
• The LTM4686B has an SMBALERT (ALERT) pin
and does support the SMBus ARA (alert response
address) protocol.
n
Soliciting the module for the maximum output voltage
it can be commanded to produce (MFR_VOUT_MAXn).
n
Soliciting the device for the data format of its output
voltage-related registers (VOUT_MODEn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com