Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 14 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 10Page - Analog Devices LTM4686BEVPBF Datasheet HTML 11Page - Analog Devices LTM4686BEVPBF Datasheet HTML 12Page - Analog Devices LTM4686BEVPBF Datasheet HTML 13Page - Analog Devices LTM4686BEVPBF Datasheet HTML 14Page - Analog Devices LTM4686BEVPBF Datasheet HTML 15Page - Analog Devices LTM4686BEVPBF Datasheet HTML 16Page - Analog Devices LTM4686BEVPBF Datasheet HTML 17Page - Analog Devices LTM4686BEVPBF Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 130 page
background image
LTM4686B
14
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
this can be easily accomplished by connecting (an) R-C
network(s) from COMP0a and/or COMP1a—terminated
to SGND—and leaving COMP0b and/or COMP1b open,
as desired.
VOSNS0+ (D7): Channel 0 Positive Differential Voltage
Sense Input. Together, VOSNS0+ and VOSNS0– serve to
kelvin-sense the VOUT0 output voltage at VOUT0’s point
of load (POL) and provide the differential feedback signal
directly to Channel 0’s control loop and voltage super-
visor circuits. VOUT0 can regulate up to 3.6V output.
Command VOUT0’s target regulation voltage by serial bus.
Its initial command value at SVIN power-up is dictated
by NVM (nonvolatile memory) contents (factory default:
1.200V)—or, optionally, may be set by configuration
resistors; see VOUT0CFG, VTRIM0CFG and the Applications
Information section.
VORB0+ (D8): Channel 0 Positive Readback Pin. Shorted to
VOSNS0+ internal to the LTM4686B. If desired, place a test
point on this node and measure its impedance to VOUT0
on one’s hardware (e.g., motherboard, during in circuit
test (ICT) post-assembly process) to provide a means of
verifying the integrity of the feedback signal connection
between VOSNS0+ and VOUT0.
GPIO0, GPIO1 (E2 and F2, Respectively): Digital,
Programmable General Purpose Inputs and Outputs.
Open-drain outputs and/or high impedance inputs.
The LTM4686B’s factory-default NVM settings
for
MFR_GPIO_PROPAGATE
n—0x7993—and
MFR_GPIO_RESPONSEn—0x00—configure the GPIOn
pins to behave as conventional “power good” (PGOOD)
outputs for their respective channels. If PGOOD needs to
be valid in the interval between the application of SVIN and
NVM-to-RAM download completion (~32ms after SVIN is
applied): connect Schottky diodes between GPIOn and
RUNn, per Figure 1. In parallel applications, do not con-
nect GPIO0 to GPIO1 unless MFR_GPIO_RESPONSEn and
MFR_GPIO_PROPAGATEn are set accordingly. Pull-up
resistors from GPIOn to 3.3V are required for proper oper-
ation. See the Applications Information section for details.
ALERT (E3): Open-Drain Digital Output. A pull-up resistor
to 3.3V is required in the application only if SMBALERT
interrupt detection is implemented in one’s SMBus system.
SCL (E4): Serial Bus Clock Open-Drain Input (Can Be
an Input and Output, if Clock Stretching is Enabled). A
pull-up resistor to 3.3V is required in the application
for digital communication to the SMBus master(s) that
nominally drive this clock. The LTM4686B will never
encounter scenarios where it would need to engage clock
stretching unless SCL communication speeds exceed
100kHz—and even then, LTM4686B will not clock stretch
unless clock stretching is enabled by means of setting
MFR_CONFIG_ALL[1] = 1b. The factory-default NVM
configuration setting has MFR_CONFIG_ALL[1] = 0b:
clock stretching disabled. If communication on the bus at
clock speeds above 100kHz is required, the user’s SMBus
master(s) need to implement clock stretching support to
assure solid serial bus communications, and only then
should MFR_CONFIG_ALL[1] be set to 1b. When clock
stretching is enabled, SCL becomes a bidirectional, open-
drain output pin on LTM4686B.
SYNC (E5): PWM Clock Synchronization Input and Open-
Drain Output Pin. The setting of the FREQUENCY_SWITCH
command dictates whether the LTM4686B is a “sync
master” or “sync slave” module. When the LTM4686B is
a sync master, FREQUENCY_SWITCH contains the com-
manded switching frequency of Channels 0 and 1—in
PMBus linear data format—and it drives its SYNC pin low
for 500ns at a time, at this commanded rate. In contrast, a
sync slave uses MFR_CONFIG_ALL[4] = 1b and does not
pull its SYNC pin low. The LTM4686B’s PLL synchronizes
the LTM4686B’s PWM clock to the waveform present on
the SYNC pin—and therefore, a resistor pull-up to 3.3V
is required in the application, regardless of whether the
LTM4686B is a sync master or slave. EXCEPTION: driving
the SYNC pin with an external clock is permissible; see
the Applications Information section for details.
COMP0a, COMP1a (E6 and H6, Respectively): Current
Control Threshold and Error Amplifier Compensation
Nodes for Channels 0 and 1, Respectively. The trip thresh-
old of each channel’s current comparator increases with a
respective rise in COMPna voltage. Small filter capacitors
(22pF) internal to the LTM4686B on these COMP pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com