Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 35 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 35 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 31Page - Analog Devices LTM4686BEVPBF Datasheet HTML 32Page - Analog Devices LTM4686BEVPBF Datasheet HTML 33Page - Analog Devices LTM4686BEVPBF Datasheet HTML 34Page - Analog Devices LTM4686BEVPBF Datasheet HTML 35Page - Analog Devices LTM4686BEVPBF Datasheet HTML 36Page - Analog Devices LTM4686BEVPBF Datasheet HTML 37Page - Analog Devices LTM4686BEVPBF Datasheet HTML 38Page - Analog Devices LTM4686BEVPBF Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 130 page
background image
LTM4686B
35
Rev. 0
For more information www.analog.com
OPERATION
will continue to retry. The retry interval is specified by the
MFR_RETRY_DELAY command and prevents damage to
the regulator components by repetitive power cycling. The
MFR_RETRY_DELAY must be greater than 120ms. It can
not exceed 83.88 seconds.
Channel-to-channel fault dependencies can be created by
connecting GPIOn pins together. In the event of an internal
fault, one or more of the channels is configured to pull
the bussed GPIOn pins low. The other channels are then
configured to shut down when the GPIOn pins are pulled
low. For autonomous group retry, the faulted channel is
configured to release the GPIOn pin(s) after a retry interval,
assuming the original fault has cleared. All the channels
in the group then begin a soft-start sequence. If the fault
response is LATCH_OFF, the GPIOn pin remains asserted
low until either the RUN pin is toggled OFF/ON or the part is
commanded OFF/ON. The toggling of the RUN either by the
pin or OFF/ON command will clear faults associated with
the channel. If it is desired to have all faults cleared when
either RUN pin is toggled, set bit 0 of MFR_CONFIG_ALL
to a 1.
The status of all faults and warnings is summarized in the
STATUS_WORD and STATUS_BYTE commands.
RESPONSES TO VOUT AND IOUT FAULTS
VOUT OV and UV conditions are monitored by compara-
tors. The OV and UV limits are set in three ways.
n
As a Percentage of the VOUT if Using the Resistor
Configuration Pins
n
In EEPROM if Either Programmed at the Factory or
Through the GUI
n
By PMBus Command
The IIN and IOUT overcurrent monitors are performed by
ADC readings and calculations. Thus these values are
based on average currents and can have a nominal time
latency of up to 90ms. The IOUT calculation accounts
for the power inductor DCR and the temperature coef-
ficient of the inductor’s copper winding. The input cur-
rent is equal to the sum of output current times the
respective channel duty cycle plus the input offset cur-
rent for each channel. If this calculated input current
exceeds the IIN_OC_WARN_LIMIT the ALERT pin is
pulled low and the IIN_OC_WARN bit is asserted in the
STATUS_INPUT register.
The LTM4686B provides the ability to ignore the fault,
shut down and latch off or shut down and retry indefinitely
(hiccup). The retry interval is set in MFR_RETRY_DELAYn
and can be from 120ms to 83.88 seconds in 1ms incre-
ments. The shutdown for OV/UV and OC can be done
immediately or after a user selectable deglitch time.
Output Overvoltage Fault Response
A programmable overvoltage comparator (OV) guards
against transient overshoots as well as long-term over-
voltages at the output. In such cases, the top MOSFET is
turned off and the bottom MOSFET is turned on until the
overvoltage condition is cleared regardless of the PMBus
VOUT_OV_FAULT_RESPONSEn command byte value.
This hardware level fault response delay is typically 2µs
from the overvoltage condition to BG asserted high. Using
the VOUT_OV_FAULT_RESPONSEn command, the user
can select any of the following behaviors:
n
OV Pull-Down Only (OV cannot be ignored)
n
Shut Down (Stop Switching) Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely using the
Time Interval Specified in MFR_RETRY_DELAYn
Either the Latch Off or Retry fault responses can be
deglitched in increments of (0 to 7) • 10µs. See Table 24.
Output Undervoltage Response
The response to an undervoltage comparator output can
be either:
n
Ignore
n
Shut Down Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely using the
Time Interval Specified in MFR_RETRY_DELAYn
Either the Latch Off or Retry fault responses can be
deglitched in increments of (0 to 7) • 10µs. See Table 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com