Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 97 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 97 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 93Page - Analog Devices LTM4686BEVPBF Datasheet HTML 94Page - Analog Devices LTM4686BEVPBF Datasheet HTML 95Page - Analog Devices LTM4686BEVPBF Datasheet HTML 96Page - Analog Devices LTM4686BEVPBF Datasheet HTML 97Page - Analog Devices LTM4686BEVPBF Datasheet HTML 98Page - Analog Devices LTM4686BEVPBF Datasheet HTML 99Page - Analog Devices LTM4686BEVPBF Datasheet HTML 100Page - Analog Devices LTM4686BEVPBF Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 130 page
background image
LTM4686B
97
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
TON_DELAY
The TON_DELAY command sets the time, in milliseconds, from when a start condition is received until the output
voltage starts to rise. Values from 0ms to 83 seconds are valid.
This command has two data bytes and is formatted in Linear_5s_11s format.
TON_RISE
The TON_RISE command sets the time, in milliseconds, from the time the output starts to rise to the time the output
enters the regulation band. Values from 0 to 1.3 seconds are valid. The part will be in discontinuous mode during
TON_RISE events. If TON_RISE is less than 0.25ms, the LTM4686B digital slope will be bypassed. The output voltage
transition will be controlled by the analog performance of the PWM switcher. The maximum allowed slope is 4V/ms.
This command has two data bytes and is formatted in Linear_5s_11s format.
TON_MAX_FAULT_LIMIT
The TON_MAX_FAULT_LIMIT command sets the value, in milliseconds, on how long the unit can attempt to power
up the output without reaching the output undervoltage fault limit.
A data value of 0ms means that there is no limit and that the unit can attempt to bring up the output voltage indefinitely.
The maximum limit is 83 seconds.
This command has two data bytes and is formatted in Linear_5s_11s format.
VOUT_TRANSITION_RATE
When a PMBus device receives either a VOUT_COMMAND or OPERATION (Margin High, Margin Low) that causes the
output voltage to change this command set the rate in V/ms at which the output voltage changes. This commanded
rate of change does not apply when the unit is commanded on or off.
This command has two data bytes and is formatted in Linear_5s_11s format.
Timing: Off Sequence/Ramp
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
TOFF_DELAY
0x64
Time from RUN and/or Operation off to the start
of TOFF_FALL ramp.
R/W Word
Y
L11
ms
Y
0.0
0x0000
TOFF_FALL
0x65
Time from when the output starts to fall until the
output reaches zero volts.
R/W Word
Y
L11
ms
Y
2.5
0xC280
TOFF_MAX_WARN_LIMIT
0x66
Maximum allowed time, after TOFF_FALL
completed, for the unit to decay below 12.5%.
R/W Word
Y
L11
ms
Y
200
0xF320
TOFF_DELAY
The TOFF_DELAY command sets the time, in milliseconds, from when a stop condition is received until the output
voltage starts to fall. Values from 0 to 83 seconds are valid.
This command is excluded from fault events.
This command has two data bytes and is formatted in Linear_5s_11s format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com