Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 50 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 50 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 46Page - Analog Devices LTM4686BEVPBF Datasheet HTML 47Page - Analog Devices LTM4686BEVPBF Datasheet HTML 48Page - Analog Devices LTM4686BEVPBF Datasheet HTML 49Page - Analog Devices LTM4686BEVPBF Datasheet HTML 50Page - Analog Devices LTM4686BEVPBF Datasheet HTML 51Page - Analog Devices LTM4686BEVPBF Datasheet HTML 52Page - Analog Devices LTM4686BEVPBF Datasheet HTML 53Page - Analog Devices LTM4686BEVPBF Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 130 page
background image
LTM4686B
50
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The relative phasing of all active channels in a PolyPhase
rail should be optimally phased. The relative phasing of
each rail is 360°/n, where n is the number of phases in
the rail. MFR_PWM_CONFIG[2:0] configures channel
relative phasing with respect to the SYNC pin. Phase
relationship values are indicated with 0° corresponding
to the falling edge of SYNC being coincident with the
turn-on of the top MOSFETs, MTn.
The MFR_PWM_CONFIG command can be altered
via I2C commands, but only when switching action is
disengaged, i.e., the module’s outputs are turned off. The
MFR_PWM_CONFIG command takes on the value stored
in NVM at SVIN power-up, but is overridden according
to a resistor pin-strap applied between the FSWPHCFG pin
and SGND only if the module is configured to respect
resistor pin-strap settings (MFR_CONFIG_ALL[6] =
0b). Table 4 highlights available resistor pin-strap and
corresponding MFR_PWM_CONFIG[2:0] settings.
Some combinations of FREQUENCY_SWITCH and
MFR_PWM_CONFIG[2:0] are not available by resistor
pin-strapping the FSWPHCFG pin. All combinations
of supported values for FREQUENCY_SWITCH and
MFR_PWM_CONFIG[2:0] can be configured by NVM
programming—or, I2C transactions, provided switching
action is disengaged, i.e., the module’s outputs are
turned off.
Care must be taken to minimize capacitance on SYNC
to assure that the pull-up resistor versus the capacitor
load has a low enough time constant for the application
to form a “clean” clock. (See “Open-Drain Pins”, later
in this section.)
When an LTM4686B is configured as a sync slave, it is
permissible for external circuitry to drive the SYNC pin
from a current-limited source (less than 10mA), rather
than using a pull-up resistor. Any external circuitry
must not drive high with arbitrarily low impedance at
SVIN power-up, because the SYNC output can be low
impedance until NVM contents have been downloaded
to RAM.
Recommended LTM4686B switching frequencies of
operation for many common VIN-to-VOUT applications
are indicated in Table 7. When the two channels of an
LTM4686B are stepping input voltage(s) down to output
voltages whose recommended switching frequencies in
Table 7 are significantly different, operation at the higher of
the two recommended switching frequencies is preferable,
but minimum on-time must be considered. (See Minimum
On-Time Considerations section.) For example, consider an
application in which it is desired for an LTM4686B to step-
down 5VIN to 0.6VOUT on Channel 0, and 5VIN to 3.3VOUT
on Channel 1: according to Table 7, the recommended
switching frequency is 500kHz and 1MHz, respectively.
However, the switching frequency setting of the LTM4686B
is common to both channels. Based on the aforementioned
guidance, operation at 1MHz would be preferred—in order
to keep inductor ripple currents reasonable. The on-time for
a 5VIN-to-0.6VOUT conditionat1MHzis120ns,thusmeeting
the 90ns guardband recommendation. Therefore, for this
particular example, the recommended switching frequency
becomes 1MHz.
Table 7. Recommended Switching Frequency for Various
VIN-to-VOUT Step-Down Scenarios
2.5VIN
3.3VIN
5VIN
0.6VOUT
425kHz
425kHz
500kHz
0.7VOUT
500kHz
500kHz
575kHz
0.8VOUT
500kHz
575kHz
650kHz
0.9VOUT
575kHz
575kHz
650kHz
1VOUT
575kHz
650kHz
750kHz
1.2VOUT
575kHz
750kHz
1MHz
1.5VOUT
575kHz
750kHz
1MHz
1.8VOUT
575kHz
750kHz
1MHz
2.5VOUT
N/A
650kHz
1MHz
3.3VOUT
N/A
N/A
1MHz
The current drawn by the SVIN pin of the LTM4686B is
not digitized or computed. A value representing the esti-
mated SVIN current is located in the MFR_IIN_OFFSETn
command, and is used in the computations of input
current readback telemetry, namely READ_IIN and and
MFR_READ_IINn. The recommended setting of MFR_IIN_
OFFSETn is found in Table 8. The same value should be
used for MFR_IIN_OFFSET0 and MFR_IIN_OFFSET1 (i.e.,
Pages 0x00 and 0x01).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com