Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 91 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 91 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 87Page - Analog Devices LTM4686BEVPBF Datasheet HTML 88Page - Analog Devices LTM4686BEVPBF Datasheet HTML 89Page - Analog Devices LTM4686BEVPBF Datasheet HTML 90Page - Analog Devices LTM4686BEVPBF Datasheet HTML 91Page - Analog Devices LTM4686BEVPBF Datasheet HTML 92Page - Analog Devices LTM4686BEVPBF Datasheet HTML 93Page - Analog Devices LTM4686BEVPBF Datasheet HTML 94Page - Analog Devices LTM4686BEVPBF Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 130 page
background image
LTM4686B
91
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
above the old overvoltage limit, an OV condition might temporarily be detected resulting in undesirable behavior and
possible damage to the switcher.
If VOUT_OV_FAULT_RESPONSE is set to OV_PULLDOWN, the GPIO pin will not assert if VOUT_OV_FAULT is propa-
gated. The LTM4686B will pull the TG low and assert the BG bit as soon as the overvoltage condition is detected.
This command has two data bytes and is formatted in Linear_16u format.
VOUT_OV_WARN_LIMIT
The VOUT_OV_WARN_LIMIT command sets the value of the output voltage measured at the sense pins, in volts, which
causes an output voltage high warning. The READ_VOUT value will be used to determine if this limit has been exceeded.
In response to the VOUT_OV_WARN_LIMIT being exceeded, the device:
• Sets the NONE_OF_THE_ABOVE bit in the STATUS_BYTE
• Sets the VOUT bit in the STATUS_WORD
• Sets the VOUT Overvoltage Warning bit in the STATUS_VOUT command
• Notifies the host by asserting ALERT pin, unless masked.
This condition is detected by the ADC so the response time may be up to 90ms, typical.
This command has two data bytes and is formatted in Linear_16u format.
VOUT_MARGIN_HIGH
The VOUT_MARGIN_HIGH command loads the unit with the voltage to which the output is to be changed, in volts, when
the OPERATION command is set to “Margin High”. The value must be greater than VOUT_COMMAND. The maximum
guaranteed value on VOUT_MARGIN_HIGH is 3.6V.
This command will not be acted on during TON_RISE and TOFF_FALL output sequencing. The VOUT_TRANSITION_
RATE will be used if this command is modified while the output is active and in a steady-state condition.
This command has two data bytes and is formatted in Linear_16u format.
VOUT_COMMAND
The VOUT_COMMAND consists of two bytes and is used to set the output voltage, in volts. The maximum guaranteed
value on VOUT is 3.6V.
This command will not be acted on during TON_RISE and TOFF_FALL output sequencing. The VOUT_TRANSITION_
RATE will be used if this command is modified while the output is active and in a steady-state condition.
This command has two data bytes and is formatted in Linear_16u format.
VOUT_MARGIN_LOW
The VOUT_MARGIN_LOW command loads the unit with the voltage to which the output is to be changed, in volts,
when the OPERATION command is set to “Margin Low”. The value must be less than VOUT_COMMAND.
This command will not be acted on during TON_RISE and TOFF_FALL output sequencing. The VOUT_TRANSITION_
RATE will be used if this command is modified while the output is active and in a steady-state condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com